Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-5527 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HFBR-5527
Description  125 Megabaud Fiber Optic Transceiver JIS FO7 Connection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5527 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HFBR-5527 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
171
HFBR-5527 Transmitter
Electrical/Optical Characteristics 0 to 70
°C, unless otherwise stated.
Parameter
Symbol
Min.
Typ.[2]
Max.
Unit
Condition
Note
Transmitter Output Optical
PT
-9.5
-7.0
-4.8
dBm
IF,dc = 30 mA, 25°C
Note 3
Power, 1 mm POF
-10.4
-4.3
0-70
°C
Transmitter Output Optical
PT
-13.0
-10.5
dBm
IF,dc = 60 mA, 25°C
Note 3
Power, 200
µm HCS®
-10.0
0-70
°C
Output Optical Power
∆P
T
-0.02
dB/
°C
Temperature Coefficient
∆T
Peak Emission Wavelength
λ
PK
640
650
660
nm
Peak Wavelength
∆λ
0.12
nm/
°C
Temperature Coefficient
∆T
Spectral Width
FWHM
21
nm
Full Width,
Half Maximum
Forward Voltage
VF
1.8
2.0
2.4
V
IF = 60 mA
Forward Voltage
∆V
F
-1.8
mV/
°C
Temperature Coefficient
∆T
Transmitter Numerical
NA
0.5
Aperture
Thermal Resistance,
θ
jc
140
°C/W
Note 4
Junction to Case
Reverse Input Breakdown
VBR
3.0
13
V
IF,dc = -10 µA
Voltage
Diode Capacitance
CO
60
pF
VF = 0 V,
f = 1 MHz
Unpeaked Optical Rise
tr
12
ns
IF = 60 mA
Figure 5
Time, 10% - 90%
f = 100 kHz
Note 5
Unpeaked Optical Fall
tf
9ns
IF = 60 mA
Figure 5
Time, 90% - 10%
f = 100 kHz
Note 5
Notes:
1. 1.6 mm below seating plane.
2. Typical data is at 25
°C.
3. Optical Power measured at the end of 0.5 meter of 1 mm diameter plastic or 200
µm diameter hard clad silica optical fiber with a large
area detector.
4. Typical value measured from junction to PC board solder joint.
5. Optical rise and fall times can be reduced with the appropriate driver circuit.
6. Pins 9 and 10 are primarily for mounting and retaining purposes, but are electrically connected with conductive housing; pins 5 and 6
are electrically unconnected. It is recommended that pins 5, 6, 9, and 10 all be connected to Rx ground to reduce coupling of
electrical noise.
7. Refer to the Versatile Link Family Fiber Optic Cable and Connectors Technical Data Sheet for cable connector options for 1 mm
plastic optical fiber and 200
µm HCS fiber.
8. The LED current peaking necessary for high frequency circuit design contributes to electromagnetic interference (EMI). Care must be
taken in circuit board layout to minimize emissions for compliance with governmental EMI emissions regulations.


Similar Part No. - HFBR-5527

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5001 HP-HFBR-5001 Datasheet
287Kb / 15P
   Low Cost, Industry Standard FDDI MIC Transceivers
HFBR-5103 HP-HFBR-5103 Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5103T HP-HFBR-5103T Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5104 HP-HFBR-5104 Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5104T HP-HFBR-5104T Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
More results

Similar Description - HFBR-5527

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
Glenair, Inc.
180-122XW06-11-16A GLENAIR-180-122XW06-11-16A Datasheet
272Kb / 2P
   Fiber Optic Connection System
180-122-H7 GLENAIR-180-122-H7 Datasheet
354Kb / 2P
   Fiber Optic Connection System
180_091 GLENAIR-180_091 Datasheet
363Kb / 2P
   Fiber Optic Connection System
180-122-S7 GLENAIR-180-122-S7 Datasheet
301Kb / 2P
   Fiber Optic Connection System
180-122XW08-11-16A GLENAIR-180-122XW08-11-16A Datasheet
245Kb / 2P
   Fiber Optic Connection System
180-122XWH7-11-16A GLENAIR-180-122XWH7-11-16A Datasheet
240Kb / 2P
   Fiber Optic Connection System
181-041-1250C GLENAIR-181-041-1250C Datasheet
203Kb / 2P
   Fiber Optic Connection System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com