Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-5527 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HFBR-5527
Description  125 Megabaud Fiber Optic Transceiver JIS FO7 Connection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5527 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HFBR-5527 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
168
Plastic and Hard Clad Silica Optical Fiber Receiver Application Circuit:
Performance[4] of the receiver in the recommended application circuit (Figure 1); 1-125 MBd, 25
°C unless
otherwise stated.
Parameter
Symbol
Typical
Unit
Condition
Note
Data Output Voltage - Low
VOL
VCC -1.7
V
RL = 50 Ω
Note 5
Data Output Voltage - High
VOH
VCC -0.9
V
RL = 50 Ω
Note 5
Receiver Sensitivity to Average
Pmin
-27.5
dBm
50% eye opening
Note 2
Modulated Optical Power 1 mm POF
Receiver Sensitivity to Average
Pmin
-28.5
dBm
50% eye opening
Note 2
Modulated Optical Power 200
µm HCS
Receiver Overdrive Level of Average
Pmax
-7.5
dBm
50% eye opening
Note 2
Modulated Optical Power 1 mm POF
Receiver Overdrive Level of Average
Pmax
-10.5
dBm
50% eye opening
Note 2
Modulated Optical Power 200
µm HCS
Receiver Application Circuit Current
ICC
85
mA
RL = ∞
Figure 1
Consumption
Notes:
4. Performance in response to a signal from the transmitter driven with the recommended circuit at 1-125 MBd over 1 meter of plastic
optical fiber or 1 meter of HCS® fiber with F07 plugs.
5. Terminated through a 50
Ω resistor to V
CC - 2 V.
6. If there is no input optical power to the receiver, electrical noise can result in false triggering of the receiver. In typical applications,
data encoding and error detection prevent random triggering from being interpreted as valid data.
Figure 1. Transmitter and Receiver Application Circuit with +5 V ECL Inputs and Outputs.
C1
0.001
C2
0.1
R5
22
Q1
MPS536L
R6
91
R7
91
Q2
MPS536L
C20
10
C19
0.1
TX VEE
9
8
7
6
5
4
3
2
1
J1
Q2 BASE
Q1 BASE
TX VCC
RX VCC
PIN 19 10H116
PIN 18 10H116
RX VEE
NC
L1
CB70-1812
1
2
3
4
5
13
12
10
9
14
7
8
11
6
2
3
4
12
13
5
7
8
9
3
4
17
15
19
18
R24
1K
R22
1K
R18
51
R16
51
C17
0.1
VBB
VCC
C10
0.1
R19
51
R17
51
R15
1K
R23
1K
VBB
C18
0.1
R25
1K
R20
12
R21
62
VCC
VBB
3 V
C14
10
TL431
U5
MC10H116FN
C15
0.1
C11
0.1
C16
0.1
C12
0.1
R14
1K
VBB
3V
C9
47
R12
4.7
C13
0.1
R13
4.7
U4C
U4A
U4B
R11*
R10
15
C8*
74ACTQ00
U1B
74ACTQ00
U1D
74ACTQ00
U1C
R9*
R8*
C7
0.001
C6
0.1
C5
10
C4
0.001
C3
0.1
Q3
2N3904
VCC
74ACTQ00
U1A
POF
180
180
820
62 pF
R8
R9
R11
C8
HCS
82
82
470
120 pF
TOLERANCE
1%
1%
1%
5%
THE VALUES OF R8, R9, R11, AND
C8 ARE DIFFERENT FOR POF AND
HCS DRIVE CIRCUITS.
UNLESS OTHERWISE NOTED,
ALL CAPACITOR VALUES
ARE IN µF WITH ± 10%
TOLERANCE AND ALL
RESISTOR VALUES ARE IN
Ω WITH ± 5% TOLERANCE.
MC10H116FN
MC10H116FN
2
20
+
+
+
10
14
RX GND
5
8
7
6
9
10
U22
RX GND
RX GND
RX VCC
GND
GND
ANODE
CATHODE
RX OUT
1


Similar Part No. - HFBR-5527

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5001 HP-HFBR-5001 Datasheet
287Kb / 15P
Low Cost, Industry Standard FDDI MIC Transceivers
HFBR-5103 HP-HFBR-5103 Datasheet
338Kb / 22P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5103T HP-HFBR-5103T Datasheet
338Kb / 22P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5104 HP-HFBR-5104 Datasheet
338Kb / 22P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5104T HP-HFBR-5104T Datasheet
338Kb / 22P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
More results

Similar Description - HFBR-5527

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
Glenair, Inc.
180-122XW06-11-16A GLENAIR-180-122XW06-11-16A Datasheet
272Kb / 2P
Fiber Optic Connection System
180-122XW08-11-16A GLENAIR-180-122XW08-11-16A Datasheet
245Kb / 2P
Fiber Optic Connection System
180-122XWH7-11-16A GLENAIR-180-122XWH7-11-16A Datasheet
240Kb / 2P
Fiber Optic Connection System
181-041-1250C GLENAIR-181-041-1250C Datasheet
203Kb / 2P
Fiber Optic Connection System
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Glenair, Inc.
180_091 GLENAIR-180_091 Datasheet
363Kb / 2P
Fiber Optic Connection System
180-122-H7 GLENAIR-180-122-H7 Datasheet
354Kb / 2P
Fiber Optic Connection System
180-122-S7 GLENAIR-180-122-S7 Datasheet
301Kb / 2P
Fiber Optic Connection System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com