Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS1045L Datasheet(PDF) 3 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # PS1045L
Description  High current capability, low forward voltage
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

PS1045L Datasheet(HTML) 3 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  PS1045L Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED PS1045L Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED PS1045L Datasheet HTML 3Page - MAKO SEMICONDUCTOR CO.,LIMITED PS1045L Datasheet HTML 4Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Suggested Pad Layout
PCB焊接布局建议参考
SMD表面贴装
TO-277
TO-277B
QFN5×6
POWERDI5
A
0.260(6.60)
0.055(1.40)
G
F
E
D
0.035(0.90)
0.031(0.80)
0.142(3.60)
0.152(3.87)
C
B
0.185(4.70)
TO-277B:Tape & Reel
每卷数量:
5000只(5Kpcs/Reel)
每盒数量:
10000只(10Kpcs/BOX)
0.264 (6.70)
0.248 (6.30)
2
1
3
0.073 (1.85)
0.069 (1.75)
0.028 (0.71)
0.016 (0.41)
0.124 (3.15)
0.112 (2.85)
0.014 (0.35)
0.010 (0.25)
0.077 (1.98)
0.069 (1.76)
0.028 (0.71)
0.016 (0.41)
0.037 (0.95)
0.033 (0.85)
0.037 (0.95)
0.033 (0.85)
0.069 (1.74)
0.057 (1.44)
0.049 (1.25)
0.037 (0.95)
0.145 (3.69)
0.133 (3.39)
0.216 (5.48)
0.208 (5.28)
1045 TO-277B
10A, 45V 贴片肖特基整流二极管 规格书
Low VF Schottky Rectifier SMD
4008-378-873
3
MAKO Semiconductor Co., Limited
3/4
http://
www.makosemi.hk/


Similar Part No. - PS1045L

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
PS1045L CHONGQING-PS1045L Datasheet
197Kb / 1P
   10.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - PS1045L

ManufacturerPart #DatasheetDescription
logo
MAKO SEMICONDUCTOR CO.,...
MBR1045CT MAKOSEMI-MBR1045CT Datasheet
499Kb / 4P
   High current capability, low forward voltage
SBR10U45SP5 MAKOSEMI-SBR10U45SP5 Datasheet
499Kb / 4P
   High current capability, low forward voltage
SB1045L MAKOSEMI-SB1045L Datasheet
499Kb / 4P
   High current capability, low forward voltage
MBR1550CT MAKOSEMI-MBR1550CT Datasheet
535Kb / 4P
   High current capability, low forward voltage
SBR15U50SP5 MAKOSEMI-SBR15U50SP5 Datasheet
535Kb / 4P
   High current capability, low forward voltage
MBR1045 MAKOSEMI-MBR1045 Datasheet
499Kb / 4P
   High current capability, low forward voltage
MCC1045UL MAKOSEMI-MCC1045UL Datasheet
499Kb / 4P
   High current capability, low forward voltage
SB1550L MAKOSEMI-SB1550L Datasheet
535Kb / 4P
   High current capability, low forward voltage
MBR1045CT MAKOSEMI-MBR1045CT Datasheet
499Kb / 4P
   High current capability, low forward voltage
MCC1045UL MAKOSEMI-MCC1045UL Datasheet
499Kb / 4P
   High current capability, low forward voltage
SB1045L MAKOSEMI-SB1045L Datasheet
499Kb / 4P
   High current capability, low forward voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com