Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDMP-1636 Datasheet(PDF) 14 Page - Agilent(Hewlett-Packard)

Part # HDMP-1636
Description  Gigabit Ethernet Transceiver Chip
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1636 Datasheet(HTML) 14 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1636 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 15Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
724
RXCAP0
VCC_RXTTL
VCC_RXTTL
TOP VIEW
GND_RXTTL
GND_TXTTL
VCC_TXTTL
VCC_TXTTL
GND_TXTTL
GND_TXA
TXCAP1
* SUPPLY VOLTAGE INTO VCC_RXA AND VCC_TXA SHOULD
BE FROM A LOW NOISE SOURCE. ALL BYPASS CAPACITORS
AND PLL FILTER CAPACITORS ARE 0.1 µF.
VCC
VCC*
VCC
GND_RXTTL
CPLLT
VCC*
CPLLR
Figure 12. Power Supply Bypass.
Start-up Procedure:
The transceiver start-up
procedure(s) use the following
conditions: VCC = +3.3 V ± 5%
and REFCLK = 125 MHz
± 100
ppm.
After the above conditions have
been met, apply valid data using a
balanced code such as 8B/10B.
Frequency lock occurs within
500
µs. After frequency lock,
phase lock occurs within 2500 bit
times.
Transceiver Power
Supply Bypass and Loop
Filter Capacitors
Bypass capacitors should be
liberally used and placed as close
as possible to the appropriate
power supply pins of the
HDMP-1636/46 as shown on the
schematic of Figure 12. All
bypass chip capacitors are
0.1
µF. The VCC_RXA and
VCC_TXA pins are the analog
power supply pins for the PLL
sections. The voltage into these
pins should be clean with
minimum noise. The PLL loop
filter capacitors and their pin
locations are also shown on
Figure 12. Notice that only two
capacitors are required: CPLLT for
the transmitter and CPLLR for the
receiver. Nominal capacitance is
0.1
µF. The voltage across the
capacitors is on the order of 1
volt, so the capacitor can be a
low voltage type and physically
small. The PLL capacitors are
placed physically close to the
appropriate pins on the HDMP-
1636/46. Keeping the lines short
will prevent them from picking
up stray noise from surrounding
lines or components.
PRE-RELEASE PRODUCT
DISCLAIMER:
This product is in development at
the Hewlett-Packard CSSD in San
Jose, California. Until Hewlett-
Packard releases this product for
general sales, HP reserves the right to
alter specifications, features,
capabilities, functions, manufacturing
release dates, and even general
availability of the product at any time.


Similar Part No. - HDMP-1636

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1636A HP-HDMP-1636A Datasheet
281Kb / 18P
   Gigabit Ethernet and Fibre Channel SerDes ICs
logo
Broadcom Corporation.
HDMP-1636A BOARDCOM-HDMP-1636A Datasheet
820Kb / 25P
   1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
More results

Similar Description - HDMP-1636

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
   GIGABIT ETHERNET TRANSCEIVER
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
   Gigabit Ethernet Transceiver
logo
Agere Systems
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
   Quad Gigabit Ethernet Transceiver
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
   Gigabit Ethernet PHY Transceiver
logo
Agere Systems
DNC5X3125 AGERE-DNC5X3125 Datasheet
260Kb / 18P
   Gigabit Ethernet Transceiver Macrocell
logo
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201 TI-TNETE2201 Datasheet
295Kb / 10P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
logo
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
   SERDES Gigabit Ethernet Transceiver
logo
Texas Instruments
TNETE2201B TI-TNETE2201B Datasheet
256Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201B TI1-TNETE2201B_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com