Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDMP-1636 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HDMP-1636
Description  Gigabit Ethernet Transceiver Chip
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1636 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1636 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
720
I/O Type Definitions
I/O Type
Definition
I-TTL
Input TTL, Floats High When Left Open
O-TTL
Output TTL
HS_OUT
High Speed Output, ECL Compatible
HS_IN
High Speed Input
C
External Circuit Node
S
Power Supply or Ground
HDMP-1636/46 (TRx)
Pin Input Capacitance
Symbol
Parameter
Units
Typ.
Max.
CINPUT
Input Capacitance on TTL Input Pins
pF
1.6
Figure 10. HS_OUT and HS_IN Simplified Circuit Schematic.
Notes:
1. HS_IN inputs should never be connected to ground as permanent damage to the device may result.
2. The optional series padding resistors (Rpad) help dampen load reflections. Typical Rpad values for mismatched loads range
between 25-75
Ω.
Figure 9. O-TTL and I-TTL Simplified Circuit Schematic.
VCC_TTL
R
VBB 1.4 V
R
GND_TTL
VCC_TX
or
VCC_RX
ESD
PROTECTION
GND_TTL
VCC_TTL
R
R
R
O_TTL
I_TTL
GND
ESD
PROTECTION
VCC_TX
HS_OUT
R
0.01
0.01
Zo = 75
Zo = 75
VCC_TXHS
VCC_TXECL
GND
ESD
PROTECTION
-DOUT
+DOUT
150
150
RPAD
RPAD
GND_TXHS
+DIN
-DIN
ESD
PROTECTION
R
+
+
HS_IN
150
VCC_RX
GND
GND_RXHS
VCC_RXHS


Similar Part No. - HDMP-1636

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1636A HP-HDMP-1636A Datasheet
281Kb / 18P
   Gigabit Ethernet and Fibre Channel SerDes ICs
logo
Broadcom Corporation.
HDMP-1636A BOARDCOM-HDMP-1636A Datasheet
820Kb / 25P
   1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
More results

Similar Description - HDMP-1636

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
   GIGABIT ETHERNET TRANSCEIVER
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
   Gigabit Ethernet Transceiver
logo
Agere Systems
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
   Quad Gigabit Ethernet Transceiver
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
   Gigabit Ethernet PHY Transceiver
logo
Agere Systems
DNC5X3125 AGERE-DNC5X3125 Datasheet
260Kb / 18P
   Gigabit Ethernet Transceiver Macrocell
logo
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201 TI-TNETE2201 Datasheet
295Kb / 10P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
logo
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
   SERDES Gigabit Ethernet Transceiver
logo
Texas Instruments
TNETE2201B TI-TNETE2201B Datasheet
256Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201B TI1-TNETE2201B_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com