Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDMP-1636 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HDMP-1636
Description  Gigabit Ethernet Transceiver Chip
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1636 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1636 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
719
HP70841B
PATTERN
GENERATOR
HP83480A
OSCILLOSCOPE
HDMP-1636
HP70311A
CLOCK SOURCE
+ DATA
- DATA
+K28.5, -K28.5
TRIGGER
CH1
CH2
+DOUT
-DOUT
REFCLK
LOOPEN
Tx[0..9]
1.25 GHz
125 MHz
ENBYTSYNC
Rx[0..9]
-DIN
+DIN
DIVIDE
BY 2
CIRCUIT
DIVIDE
BY 10
CIRCUIT
(DUAL
OUTPUT)
VARIABLE
DELAY
TTL
HDMP-1636/46 (Transmitter Section)
Output Jitter Characteristics
TA = 0°C to +70°C, VCC = 3.15 V to 3.45 V
Symbol
Parameter
Units
Typ.
RJ[1]
Random Jitter at DOUT, the High Speed Electrical Data Port, specified as
ps
8
1 sigma deviation of the 50% crossing point (RMS)
DJ[1]
Deterministic Jitter at DOUT, the High Speed Electrical Data Port (pk-pk)
ps
15
Note:
1. Defined by Fibre Channel Specification X3.230-1994 FC-PH Standard, Annex A, Section A.4 and tested using measurement method
shown in Figure 8.
HDMP-1636/46 (TRx)
Thermal and Power Temperature Characteristics
TA = 0°C to +70°C, VCC = 3.15 V to 3.45 V
Symbol
Parameter
Units
Typ.
Max.
PD,TRx[1,2]
Transceiver Power Dissipation, Outputs Open, Parallel Data
mW
630
850
has 5 Ones and 5 Zeroes
PD,TRx[1,2,3]
Transceiver Power Dissipation, Outputs Connected per
mW
685
900
Recommended Bias Terminations with Idle Pattern
Θjc[4]
Thermal Resistance, Junction to Case
HDMP-1636
°C/Watt
10
HDMP-1646
7
Notes:
1. PD is obtained by multiplying the max VCC by the max ICC and subtracting the power dissipated outside the chip at the high speed
bias resistors.
2. Typical value specified with VCC = 3.3 volts, maximum value specified with VCC = 3.45 volts.
3. Specified with high speed outputs biased with 150
Ω resistors and receiver TTL outputs driving 10 pF loads.
4. Based on independent package testing by HP.
Θja for these devices is 48°C/Watt for the HDMP-1636 and 44°C/Watt for the
HDMP-1646.
Θja is measured on a standard 3x3" FR4 PCB in a still air environment. To determine the actual junction temperature
in a given application, use the value as described as follows: Tj = TC + (Θjc x Pd), where TC is the case temperature measured on
the top center of the package and PD is the power being dissipated.
Figure 8. Transmitter Jitter Measurement Method.
a. Block Diagram of RJ Measurement Method.
b. Block Diagram of DJ Measurement Method.
HP70841B
PATTERN
GENERATOR*
HP83480A
OSCILLOSCOPE
HDMP-1636
HP70311A
CLOCK SOURCE
+ DATA
- DATA
0000011111
TRIGGER
CH1
CH2
+DOUT
-DOUT
REFCLK LOOPEN
Tx[0..9]
BIAS
TEE
1.4 V
0011111000
(STATIC K28.7)
1.25 GHz
125 MHz
* PATTERN
GENERATOR
PROVIDES A
DIVIDE BY
10 FUNCTION.


Similar Part No. - HDMP-1636

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1636A HP-HDMP-1636A Datasheet
281Kb / 18P
   Gigabit Ethernet and Fibre Channel SerDes ICs
logo
Broadcom Corporation.
HDMP-1636A BOARDCOM-HDMP-1636A Datasheet
820Kb / 25P
   1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
More results

Similar Description - HDMP-1636

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
   GIGABIT ETHERNET TRANSCEIVER
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
   Gigabit Ethernet Transceiver
logo
Agere Systems
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
   Quad Gigabit Ethernet Transceiver
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
   Gigabit Ethernet PHY Transceiver
logo
Agere Systems
DNC5X3125 AGERE-DNC5X3125 Datasheet
260Kb / 18P
   Gigabit Ethernet Transceiver Macrocell
logo
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201 TI-TNETE2201 Datasheet
295Kb / 10P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
logo
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
   SERDES Gigabit Ethernet Transceiver
logo
Texas Instruments
TNETE2201B TI-TNETE2201B Datasheet
256Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201B TI1-TNETE2201B_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com