Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDMP-1636 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HDMP-1636
Description  Gigabit Ethernet Transceiver Chip
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1636 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1636 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
718
HDMP-1636/46 (TRx)
AC Electrical Specifications
TA = 0°C to +70°C, VCC = 3.15 V to 3.45 V
Symbol
Parameter
Units
Min.
Typ.
Max.
tr,TTLin
Input TTL Rise Time, 0.8 to 2.0 Volts
nsec
2
tf,TTLin
Input TTL Fall Time, 2.0 to 0.8 Volts
nsec
2
tr,TTLout
Output TTL Rise Time, 0.8 to 2.0 Volts, 10 pF Load
nsec
1.5
2.4
tf,TTLout
Output TTL Fall Time, 2.0 to 0.8 Volts, 10 pF Load
nsec
1.1
2.4
trs,HS_OUT
HS_OUT Single-Ended (+DOUT) Rise Time
psec
85
TBD
327
tfs,HS_OUT
HS_OUT Single-Ended (+DOUT) Fall Time
psec
85
TBD
327
trd,HS_OUT
HS_OUT Differential Rise Time
psec
85
327
tfd,HS_OUT
HS_OUT Differential Fall Time
psec
85
327
VIP,HS_IN
HS_IN Input Peak-to-Peak Differential Voltage
mV
200
1200
2000
VOP,HS_OUT[1]
HS_OUT Output Peak-to-Peak Differential Voltage
mV
1200
1580
2200
Note:
1. Output Peak-to-Peak Differential Voltage specified as DOUT+ minus DOUT-.
a. Differential HS_OUT Output (Dout+ Minus Dout-).
Figure 7. Transmitter DOUT Eye Diagrams.
b. Single-Ended HS_OUT Output (Dout+).
Eye Diagrams of the High-Speed Serial Outputs from the HDMP-1636/46
as Captured on the HP 83480A Digital Communications Analyzer. Tested with PRBS = 27-1.
22.0680 ns
Yaxis = 400 mV/DIV
22.0680 ns
Yaxis = 200 mV/DIV


Similar Part No. - HDMP-1636

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1636A HP-HDMP-1636A Datasheet
281Kb / 18P
   Gigabit Ethernet and Fibre Channel SerDes ICs
logo
Broadcom Corporation.
HDMP-1636A BOARDCOM-HDMP-1636A Datasheet
820Kb / 25P
   1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
More results

Similar Description - HDMP-1636

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
   GIGABIT ETHERNET TRANSCEIVER
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
   Gigabit Ethernet Transceiver
logo
Agere Systems
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
   Quad Gigabit Ethernet Transceiver
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
   Gigabit Ethernet PHY Transceiver
logo
Agere Systems
DNC5X3125 AGERE-DNC5X3125 Datasheet
260Kb / 18P
   Gigabit Ethernet Transceiver Macrocell
logo
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201 TI-TNETE2201 Datasheet
295Kb / 10P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
logo
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
   SERDES Gigabit Ethernet Transceiver
logo
Texas Instruments
TNETE2201B TI-TNETE2201B Datasheet
256Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201B TI1-TNETE2201B_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com