Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDMP-1636 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HDMP-1636
Description  Gigabit Ethernet Transceiver Chip
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1636 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HDMP-1636 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-1636 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
714
HDMP-1636/46 (Transmitter Section)
Timing Characteristics
TA = 0°C to +60°C, VCC = 3.15 V to 3.45 V
Symbol
Parameter
Units
Min.
Typ.
Max.
tsetup
Setup Time
nsec
2
thold
Hold Time
nsec
1
t_txlat[1]
Transmitter Latency
nsec
TBD
bits
TBD
Note:
1. The transmitter latency, as shown in Figure 4, is defined as the time between the latching in of the parallel data word (as triggered
by the rising edge of the transmit byte clock, REFCLK) and the transmission of the first serial bit of that parallel word (defined by
the rising edge of the first bit transmitted).
receiver byte clocks
(RBC1/RBC0). These clocks are
180 degrees out of phase with
each other, and are alternately
used to clock the 10-bit parallel
output data.
INPUT SAMPLER
The INPUT SAMPLER is respon-
sible for converting the serial
input signal into a re-timed serial
bit stream. In order to accom-
plish this, it uses the high speed
serial clock recovered from the
RX PLL/CLOCK RECOVERY
block. This serial bit stream is
sent to the FRAME DEMUX and
BYTE SYNC block.
FRAME DEMUX AND BYTE
SYNC
The FRAME DEMUX AND BYTE
SYNC block is responsible for
restoring the 10-bit parallel data
from the high speed serial bit
stream. This block is also
responsible for recognizing the
comma character (or a K28.5
character) of positive disparity
(0011111xxx). When recognized,
the FRAME DEMUX AND BYTE
SYNC block works with the RX
PLL/CLOCK RECOVERY block to
properly align the receive byte
clocks to the parallel data. When
a comma character is detected
and realignment of the receiver
byte clocks (RBC1/RBC0) is
necessary, these clocks are
stretched, not slivered, to the
next possible correct alignment
position. These clocks will be
fully aligned by the start of the
second 2-byte ordered set. The
second comma character
received shall be aligned with the
rising edge of RBC1. Comma
characters should not be trans-
mitted in consecutive bytes to
allow the receiver byte clocks to
maintain their proper recovered
frequencies.
OUTPUT DRIVERS
The OUTPUT DRIVERS present
the 10-bit parallel recovered data
byte properly aligned to the
receive byte clocks (RBC1/RBC0),
as shown in Figure 5. These
output data buffers provide TTL
compatible signals.


Similar Part No. - HDMP-1636

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1636A HP-HDMP-1636A Datasheet
281Kb / 18P
   Gigabit Ethernet and Fibre Channel SerDes ICs
logo
Broadcom Corporation.
HDMP-1636A BOARDCOM-HDMP-1636A Datasheet
820Kb / 25P
   1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
More results

Similar Description - HDMP-1636

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
   GIGABIT ETHERNET TRANSCEIVER
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
   Gigabit Ethernet Transceiver
logo
Agere Systems
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
   Quad Gigabit Ethernet Transceiver
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
   Gigabit Ethernet PHY Transceiver
logo
Agere Systems
DNC5X3125 AGERE-DNC5X3125 Datasheet
260Kb / 18P
   Gigabit Ethernet Transceiver Macrocell
logo
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201 TI-TNETE2201 Datasheet
295Kb / 10P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
logo
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
   SERDES Gigabit Ethernet Transceiver
logo
Texas Instruments
TNETE2201B TI-TNETE2201B Datasheet
256Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201B TI1-TNETE2201B_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com