Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMK042CG0R7CD-W Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # EMK042CG0R7CD-W
Description  Standard Multilayer Ceramic Capacitors (Temperature compensating type)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

EMK042CG0R7CD-W Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  EMK042CG0R7CD-W Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
CERAMIC CAPACITORS
Standard Multilayer Ceramic Capacitors (Temperature compensating type)
EMK042CG0R7CD-W
Features
Item Summary
16V, C0G, 0.7pF, -0.25pF to 0.25pF, 01005
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Embossed 40000pcs
Products characteristics table
CaseSize (EIA/JIS)
01005/0402
Rated Voltage (max)
16V
Capacitance
0.7pF
Capacitance Tolerance
-0.25pF to 0.25pF
Resistance
10,000 MΩ min.
Q (min)
414
Temperature Characteristics (EIA/JIS)
C0G/CG
Temperature Range (EIA/JIS)
-55 to +125℃/-55 to +125℃
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
0.4mm ±0.02
W
0.2mm ±0.02
T
0.2mm ±0.02
e
0.1mm ±0.03
2014.12.17
1 / 1


Similar Part No. - EMK042CG0R7CD-W

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG0R7AD-W TAIYO-YUDEN-EMK042CG0R7AD-W Datasheet
287Kb / 2P
Lifecycle Stage
EMK042CG0R7BD-W TAIYO-YUDEN-EMK042CG0R7BD-W Datasheet
143Kb / 1P
Standard Multilayer Ceramic Capacitors (Temperature compensating type)
More results

Similar Description - EMK042CG0R7CD-W

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG1R1BD-W TAIYO-YUDEN-EMK042CG1R1BD-W Datasheet
143Kb / 1P
Standard Multilayer Ceramic Capacitors (Temperature compensating type)
EMK042CG1R7BD-W TAIYO-YUDEN-EMK042CG1R7BD-W Datasheet
143Kb / 1P
Standard Multilayer Ceramic Capacitors (Temperature compensating type)
EMK042CG2R9BD-W TAIYO-YUDEN-EMK042CG2R9BD-W Datasheet
143Kb / 1P
Standard Multilayer Ceramic Capacitors (Temperature compensating type)
EMK042CG040BD-W TAIYO-YUDEN-EMK042CG040BD-W Datasheet
143Kb / 1P
Standard Multilayer Ceramic Capacitors (Temperature compensating type)
EMK042CG3R9BD-W TAIYO-YUDEN-EMK042CG3R9BD-W Datasheet
143Kb / 1P
Standard Multilayer Ceramic Capacitors (Temperature compensating type)
EMK042CG4R1CD-W TAIYO-YUDEN-EMK042CG4R1CD-W Datasheet
143Kb / 1P
Standard Multilayer Ceramic Capacitors (Temperature compensating type)
EMK042CG5R2DD-W TAIYO-YUDEN-EMK042CG5R2DD-W Datasheet
143Kb / 1P
Standard Multilayer Ceramic Capacitors (Temperature compensating type)
EMK042CG0R5BD-W TAIYO-YUDEN-EMK042CG0R5BD-W Datasheet
143Kb / 1P
Standard Multilayer Ceramic Capacitors (Temperature compensating type)
EMK042CG0R7BD-W TAIYO-YUDEN-EMK042CG0R7BD-W Datasheet
143Kb / 1P
Standard Multilayer Ceramic Capacitors (Temperature compensating type)
EMK042CG1R5BD-W TAIYO-YUDEN-EMK042CG1R5BD-W Datasheet
143Kb / 1P
Standard Multilayer Ceramic Capacitors (Temperature compensating type)
EMK042CG5R6DD-W TAIYO-YUDEN-EMK042CG5R6DD-W Datasheet
143Kb / 1P
Standard Multilayer Ceramic Capacitors (Temperature compensating type)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com