Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT2100 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT42QT2100
Description  QTouch Touch Sensor IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT2100 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT42QT2100_14 Datasheet HTML 36Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 37Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 38Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 39Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 40Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 41Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 42Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 43Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 44Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
41
AT42QT2100 [DATASHEET]
9554E–AT42–01/13
Appendix A. Migrating From QT1106 to QT2100
A.1
Introduction
The QT2100 is a replacement for the QT1106. As such, it is host-compatible with the QT1106 allowing existing
applications to be switched over without any changes to the host firmware.
Some changes to the application circuit will, however, be required and these are documented in this appendix.
A.2
Pin Configuration
The QT2100 has a different pin-out to the QT1106 (see
Table A-1).
Table A-1.
Pin Compatibility
Pin
QT2100 Name
QT1106 Compatibility
1
SNSKB
SNSB
2
SNSB3
3
SNSKB
SNSB
4
VDD
QT1106 range is +2.8 V to +5.0 V
5
VSS
6
SNSKB
SNSB
7
SNSB4
8
SNSB5
9
SNSKB
SNSB
10
SNSKB
SNSB
11
SNSKB
SNSB
12
SNSB6
13
SNSB7
14
SS
15
MOSI
16
MISO
17
SCK
18
VDD
QT1106 range is +2.8 V to +5.0 V
19
DRDY
Optional use on QT2100
20
CHANGE
21
VSS
22
SPREAD
External oscillator circuit not required for QT2100
23
SNSA1
24
SNSKA
SNSA
25
SNSA2


Similar Part No. - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results

Similar Description - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
   Six-channel QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com