Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT2100 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT42QT2100
Description  QTouch Touch Sensor IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT2100 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT42QT2100_14 Datasheet HTML 1Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 2Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 3Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 4Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 5Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 6Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 7Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 8Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
4
AT42QT2100 [DATASHEET]
9554E–AT42–01/13
I/O
CMOS input/output
I
CMOS input only
OD
CMOS open drain output (pull-up to Vdd)
OF
CMOS output that can float during Reset, Sleep or LP modes
P
Ground or power
13
SNSB7 (1)
I/O
Sense pin. Connect to CsB7
Open
14
SS
I
SPI Slave Select (active low)
-
15
MOSI
I
SPI Master Out /Slave In
-
16
MISO
OF
SPI Master In/Serial Out
-
17
SCK
I
SPI Clock
-
18
VDD
P
Power
-
19
DRDY
OF
SPI Data Ready handshake line
Open
20
CHANGE
OF
State change notification
Open
21
VSS
P
Ground
-
22
SPREAD
OD
Spread-spectrum drive
Connect to Vdd (high) to enable
Connect to Vss (low) to disable
-
23
SNSA1 (1)
I/O
Sense pin. Connect to CsA1
Open
24
SNSKA1
I/O
Sense pin. Connect to any CsA + slider/wheel
Open
25
SNSA2 (1)
I/O
Sense pin. Connect to CsA2
Open
26
SNSKA2
I/O
Sense pin. Connect to any CsA + slider/wheel
Open
27
SNSA3 (1)
I/O
Sense pin. Connect to CsA3
Open
28
SNSKA3
I/O
Sense pin. Connect to any CsA + slider/wheel
Open
29
RESET
I
Reset (active low)
Vdd via resistor
30
SNSB1 (1)
I/O
Sense pin. Connect to CsB1
Open
31
SNSKB1
I/O
Sense pin. Connect to any CsB + Key
Open
32
SNSB2 (1)
I/O
Sense pin. Connect to CsB2
Open
1.
SNS terminals can be paired with any SNSK terminals of the same group. For example, SNSA1 can be paired with
any SNSKA terminal.
Table 1-1.
Pin Listing (Continued)
Pin
Name
Type
Function
If Unused, Connect To...


Similar Part No. - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results

Similar Description - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
   Six-channel QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com