Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT2100 Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT42QT2100
Description  QTouch Touch Sensor IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT2100 Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT42QT2100_14 Datasheet HTML 30Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 31Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 32Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 33Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 34Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 35Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 36Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 37Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
34
AT42QT2100 [DATASHEET]
9554E–AT42–01/13
6.8
Signal Processing
6.9
Power Consumption
6.9.1
Spread Spectrum Disabled
Figure 6-3.
Idd Curve
Vdd = 5.0V, Cs keys = 4.7 nF, Cs slider/wheel = 15 nF; circuit of
Figure 1-1
Description
Min
Units
Notes
Detection threshold (keys)
10
counts
Threshold for increase in Cx load
Detection threshold (slider/wheel)
30
counts
Changeable through SPI
Detection hysteresis (keys)
2
counts
Detection hysteresis (slider/wheel)
5
counts
25 percent of slider/wheel detection threshold
DI filter, start of touch, normal mode
6
samples
Must be consecutive or detection fails
DI filter, start of touch, fast DI mode
2
samples
Must be consecutive or detection fails
Table 6-1.
Power Consumption (
µA)
Vdd
LP Mode
2V
3.3 V
5V
0
950
1940
4350
1
190
420
1050
2
95
205
640
3
60
120
320
4
40
80
200
Sleep
15
18
22
Note:
Power measurements taken 4.7 nF capacitors on the keys and 15 nF capacitors on the slider electrodes.
0
1000
2000
3000
4000
5000
01
234
LP Mode
Vdd = 2V
Vdd = 3.3V
Vdd = 5V


Similar Part No. - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results

Similar Description - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
   Six-channel QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com