Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT2100 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT42QT2100
Description  QTouch Touch Sensor IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT2100 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT42QT2100_14 Datasheet HTML 29Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 30Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 31Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 32Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 33Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 34Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 35Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 36Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
33
AT42QT2100 [DATASHEET]
9554E–AT42–01/13
Figure 6-2.
Data Byte Exchange – Timings
6.6
External Reset
6.7
Internal Resonator
SS must be held
low between
bytes of an
exchange.
Period
Min
Max
Unit
General
Min
Max
Unit
SS Low to SCK – Free-run mode
2
µs
Rise/Fall Time
1600
ns
SS Low to SCK – LP mode
22
µs
Setup
10
ns
S2
SCK to SS High
20
µs
Hold
333
ns
S3
SCK Low Pulse
666
ns
S4
SCK High Pulse
666
ns
S5
SCK Period
S1
ns
S6
Between Bytes
µs
S7
SS High to Tristate
20
ns
Parameter
Description
Operation
V
RST
Threshold voltage low (Activate)
Threshold voltage high (Release)
0.2 × Vdd
0.9 × Vdd
Parameter
Operation
Internal RC oscillator
8 MHz with spread-spectrum modifier during measurement
bursts, if enabled


Similar Part No. - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results

Similar Description - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
   Six-channel QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com