Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT2100 Datasheet(PDF) 31 Page - ATMEL Corporation

Part # AT42QT2100
Description  QTouch Touch Sensor IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT2100 Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button AT42QT2100_14 Datasheet HTML 27Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 28Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 29Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 30Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 31Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 32Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 33Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 34Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
31
AT42QT2100 [DATASHEET]
9554E–AT42–01/13
6.3
AC Specifications
6.4
DC Specifications
Vdd = 5.0V, Cs keys = 4.7 nF, Cs slider/wheel = 15 nF; circuit of
Figure 1-1
Parameter
Description
Min
Typ
Max
Units
Notes
Tsu
Start-up to SPI time
50
60
ms
From cold start
Trc
Recalibration time
300
ms
Depends on ground loading of
electrodes and Cs selection
Fc
Burst center frequency
100
80
kHz
Spread spectrum disabled
Spread spectrum enabled
Fm
Burst modulation, percent
15
%
Total deviation
Tpc
Sample pulse duration
2.66
5.85
µs
Spread spectrum disabled
Spread spectrum enabled
Tbd
Acquire burst duration
20
25
ms
Spread spectrum disabled
Spread spectrum enabled
(Total for all 3 acquire burst groups)
Tdf6
Response time – Free Run
mode, DI 6 samples
120
ms
Spread spectrum disabled
Tdf2
Response time – Free Run
mode, DI 2 samples
40
ms
Spread spectrum disabled
Tdl
Response time – LP mode
280
ms
LP Mode 2, DI = six counts
Tdr
Release time – all modes
40
ms
End of touch
Vdd = 5.0V, Cs keys = 4.7 nF, Cs slider/wheel = 15 nF; circuit of
Figure 1-1
Parameter
Description
Min
Typ
Max
Units
Notes
Vil
Low input logic level
0
0.3 × Vdd
V
Vhl
High input logic level
0.7 × Vdd
Vdd
V
Vol
Low output voltage
0.5
V
7mA sink
Voh
High output voltage
Vdd–0.5
bits
2.5 mA source
Iil
Input leakage current
±1
µA
Ar
Acquisition resolution
14
bits
Trst
External reset low pulse width
2
µs


Similar Part No. - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results

Similar Description - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
   Six-channel QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com