Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT2100 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT42QT2100
Description  QTouch Touch Sensor IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT2100 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT42QT2100_14 Datasheet HTML 26Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 27Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 28Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 29Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 30Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 31Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 32Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 33Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
30
AT42QT2100 [DATASHEET]
9554E–AT42–01/13
6.
Specifications
6.1
Absolute Maximum Specifications
6.2
Recommended Operating Conditions
VDD
–0.3 to +6.0 V
Max continuous pin current, any control or drive pin
±20 mA
Short circuit duration to ground or Vdd, any pin
Infinite
Voltage forced onto any pin
–0.3 V to (Vdd + 0.3) V
CAUTION: Stresses beyond those listed under Absolute Maximum Specifications may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at these or other conditions beyond
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum
specification conditions for extended periods may affect device reliability
Operating temperature
–40°C to +85°C
Storage temperature
–50°C to +125°C
VDD
+2.0 to 5.5 V
Short-term supply ripple + noise
±20 mV / s
Long-term supply stability
±100 mV
Cs range, keys
1 to 100 nF
Cs range, slider/wheel
4.7 to 220 nF
Cx range
0 to 50 pF


Similar Part No. - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results

Similar Description - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
   Six-channel QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com