Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT2100 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT42QT2100
Description  QTouch Touch Sensor IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT2100 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT42QT2100_14 Datasheet HTML 22Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 23Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 24Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 25Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 26Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 27Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 28Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 29Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
26
AT42QT2100 [DATASHEET]
9554E–AT42–01/13
5.4
Send Debug Data
5.4.1
Introduction
In a Send Debug Data exchange (Req = 001) the host requests the QT2100 to send 16-bit debug data on the next
3-byte exchange.
5.4.2
Host Data
In Send Debug Data command mode the host sends the 3-byte data in
Table 5-9.
Byte 0
Debug Data: 1 bit, specifying the debug data that should be returned. Either of two 16-bit debug data states
may be requested:
Debug Data = 0: Reference – the reference level used by the QT2100 for comparison with the current
measurements to detect touch. The reference value is a 16-bit unsigned integer.
Debug Data = 1: Delta – the difference between the reference level and the current level, indicating how
close the channel is to detecting touch. The delta value is a 16-bit signed integer.
Req: Set to 001 to indicate Send Debug Data command mode.
Byte 1
Channel: 4 bits indicating the measurement channel for which the Send Debug Data is requested.
Channels are mapped to keys or slider/wheel electrodes, as in Table 5-10.
Table 5-9.
Send Debug Data Command Mode – Host Command Bytes
Host
Byte
Bit
7
6
5
4
3
2
1
0
0
Req = 001
0
0
0
0
Debug
Data
1
0
0
0
0
Channel
2
0
0
0
0
0
0
0
0
Note:
Bits labelled 0 should not be altered
Table 5-10. Channel Mappings
Channel
Sensing Object
0
Key B1
1
Key B2
2
Key B3
3
Key B4
4
Key B5
5
Key B6
6
Key B7


Similar Part No. - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results

Similar Description - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
   Six-channel QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com