Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT2100 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT42QT2100
Description  QTouch Touch Sensor IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT2100 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT42QT2100_14 Datasheet HTML 21Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 22Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 23Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 24Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 25Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 26Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 27Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 28Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
25
AT42QT2100 [DATASHEET]
9554E–AT42–01/13
5.3
Custom Threshold
5.3.1
Introduction
The Custom Threshold command mode (Req = 100) is used to modify the detection threshold of the slider/wheel. It
only needs to be sent once, for the new value to take effect, and then the Normal Exchange mode resumes (see
Section 5.2 on page 19). The new value will be in use until the chip is reset or a new custom threshold is sent.
5.3.2
Host Data
In Custom Threshold command mode the host sends the 3-byte data in
Table 5-8.
Byte 0
Req – Set to 100 to indicate Custom Threshold command mode.
Byte 1
T1: Custom threshold value of the slider/wheel. Higher numbers are less sensitive. Touch detection uses
this threshold combined with a hysteresis equal to 25% of the threshold (with a minimum hysteresis value of
one).
Power-up default setting: 30
Note: Custom Threshold Command is only used if the detection threshold of the slider/wheel needs to be
changed from the power-up default.
Byte 2
Always set to 0.
5.3.3
QT2100 Data
The QT2100 response to the Custom Threshold command is the Normal Exchange report.
Once the custom thresholds have been set, the CTL bit in the Normal Exchange report is set to 1 to indicate that the
changed threshold has been applied (see
Table 5-7).
Table 5-8.
Custom Threshold Command Mode – Host Command Bytes
Host
Byte
Bit
7
6
5
4
3
2
1
0
0
Req = 100
0
0
0
0
0
1
T1 – Slider/Wheel Threshold
2
0
0
0
0
0
0
0
0
Note:
Bits labelled 0 should not be altered


Similar Part No. - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results

Similar Description - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
   Six-channel QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com