Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT2100 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT42QT2100
Description  QTouch Touch Sensor IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT2100 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT42QT2100_14 Datasheet HTML 19Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 20Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 21Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 22Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 23Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 24Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 25Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 26Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
23
AT42QT2100 [DATASHEET]
9554E–AT42–01/13
Figure 5-1.
Slider and Wheel Resolution
5.2.3
QT2100 Data
The three return bytes contain the response to the previously sent command. Initially it is assumed that the
previously sent command was a Normal Exchange command. The return bytes for the Normal Exchange command
is shown in
Table 5-7.
Byte 0
CTL: Custom Threshold Loaded: If CTL = 1, a custom slider/wheel threshold has been loaded from the
host. This is set as a result of a Custom Threshold command. Once the QT2100 has received a custom
threshold, this bit is set and stays set until reset.
PM: Proximity Mode: This setting is disabled as there is no proximity mode on the QT2100 because each
key can be configured as a proximity sensor. This setting has been left to ensure compatibility with the
QT1106.
LPS: LP/Sleep State: If LPS = 1, the device was in LP, Sync, or Sleep mode when the requesting
command was received. If LPS = 0, the device was in Free Run mode.
0
3
12
2 bits
0
3
12
4
5
6
7
3 bits
0
3
12
4
5 6
789 10 11 12 13 14
15
4 bits
Note: the first and last slider positions
(shaded) have larger touch areas.
SliderM ode
SNSKA
SNSA3
SNSKA
SNSA1
SNSKA
SNSA2
SNSKA
SNSA3
SNSKA
SNSA3
SNSKA
SNSA1
SNSKA
SNSA2
SNSKA
SNSA3
SNSKA
SNSA3
SNSKA
SNSA1
SNSKA
SNSA2
SNSKA
SNSA3
0
1
2
3
2 bits
0
1
2
3
4
5
6
7
3 bits
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
4 bits
W heelM ode
SNSKA
SNSA1
SNSKA
SNSA2
SNSKA
SNSA3
SNSKA
SNSA1
SNSKA
SNSA2
SNSKA
SNSA3
SNSKA
SNSA1
SNSKA
SNSA2
SNSKA
SNSA3
Table 5-7.
Normal Exchange Mode – Return Bytes
QT2100
Byte
Bit
7
6
5
4
3
2
1
0
0
CW
CK
EW
EK
LPS
PM
0
CTL
1
W
K7
K6
K5
K4
K3
K2
K1
2
Position


Similar Part No. - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results

Similar Description - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
   Six-channel QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com