Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT2100 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT42QT2100
Description  QTouch Touch Sensor IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT2100 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT42QT2100_14 Datasheet HTML 18Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 19Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 20Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 21Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 22Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 23Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 24Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 25Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
22
AT42QT2100 [DATASHEET]
9554E–AT42–01/13
Byte 2
Cal Key Num – key to be recalibrated when CalK = 1 (see Table 5-5).
CalK – Recalibrates the key(s) specified by Cal Key Num.
CalK = 0: No recalibration (normal state of this bit).
CalK = 1: The device recalibrates key(s).
CalW – Recalibrates the slider/wheel.
CalW = 0: No recalibration (normal state of this bit).
CalW = 1: The device recalibrates the slider/wheel.
Set CalK/CalW only once when required, and set CalK/CalW = 0 thereafter. If the bit is constantly set to 1,
the device will keep recalibrating and will never detect a touch.
Note that the device recalibrates automatically on power-up, so that the use of Recal should rarely be
required. Any channel used as a proximity detector should be recalibrated soon after each proximity
detection, to ensure stability.
Resolution – the resolution of the slider/wheel reported position (see Table 5-6 and Figure 5-1).
Note: A resolution change will only become effective on the next touch.
Table 5-5.
Key Recalibration
Cal Key Num Bits
Key
000
Recalibrate all keys (excluding slider/wheel)
001
Recalibrate Key 1
010
Recalibrate Key 2
011
Recalibrate Key 3
100
Recalibrate Key 4
101
Recalibrate Key 5
110
Recalibrate Key 6
111
Recalibrate Key 7
Table 5-6.
Resolution
Resolution Bits
Resolution
000
Reserved
001
2 Bits: 4 positions (0 – 3)
010
3 Bits: 8 positions (0 – 7)
011
4 Bits: 16 positions (0 – 15)
100
5 Bits: 32 positions (0 – 31)
101
6 Bits: 64 positions (0 – 63)
110
7 Bits: 128 positions (0 – 127) (default)
111
8 Bits: 256 positions (0 – 255)


Similar Part No. - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results

Similar Description - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
   Six-channel QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com