Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT2100 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT42QT2100
Description  QTouch Touch Sensor IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT2100 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT42QT2100_14 Datasheet HTML 17Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 18Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 19Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 20Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 21Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 22Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 23Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 24Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
21
AT42QT2100 [DATASHEET]
9554E–AT42–01/13
LPB – Sets the LP mode following burst option. See Figure 4-2 on page 14.
LPB = 0: If the host communicates with the device, or there is an SS pulse during any LP mode (modes
001 to 100), there will be no following burst. The only bursts that will take place are those that occur as
naturally defined by the LP mode noted above.
LPB = 1: If the host communicates with the device, or there is an SS pulse during any LP mode (modes
001 to 100), there will be an additional burst following SS raising high (default).
In modes 101 (Sync) and 110 (Sleep), there will always be a burst following SS raising high, regardless of
the LPB Setting. See Table 5-3 for a description of the Mode settings.
DI - Set the Detect Integrator noise filter function.
DI = 0: Two detections required to confirm a touch (faster but less noise immune).
DI = 1: Six detections required to confirm a touch (slower but more noise immune; appropriate for most
applications) (default).
MOD (Recal Time) – Sets the Maximum On-duration for all keys and slider/wheel. Controls the time from
the start of a detection to automatic recalibration of all channels. See Table 5-4 for allowed MOD times.
Note: in Sleep mode, all device timing is dependent on the regularity of SPI communications. See Section
4.4.4 on page 17 for more information.
101
Sync mode:
The QT2100 performs an acquisition burst when triggered by a rising edge
on SS and ‘heartbeat’ bursts at the same interval as LP Mode 4
110
Sleep:
The QT2100 performs an acquisition and processing cycle only when
triggered by a rising edge on SS, whether a low pulse or a communication
exchange.
111
Reserved
Table 5-4.
Maximum On-duration in Free Run Mode
MOD Bits
Maximum On-duration
00
10 s (default)
01
20 s
10
60 s
11
Infinite MOD – timeout disabled
Table 5-3.
Sleep/Low Power Modes (Continued)
LP Mode Bits
Operating Mode


Similar Part No. - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results

Similar Description - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
   Six-channel QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com