Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT2100 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT42QT2100
Description  QTouch Touch Sensor IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT2100 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT42QT2100_14 Datasheet HTML 16Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 17Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 18Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 19Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 20Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 21Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 22Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 23Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
20
AT42QT2100 [DATASHEET]
9554E–AT42–01/13
Byte 0
AKS – Three bits used to determine the AKS mode, as shown in Table 5-2 (see Section 4.3.4 on page 15
for further information).
SLD – Scrolling device type selection.
SLD = 0: Wheel mode (default)
SLD = 1: Linear slider mode
PROX – This setting is included to ensure compatibility with host drivers designed for the QT1106. Any key
may be optimized as a proximity sensor but key 7 should be used in any application where AKS is required,
as it can be excluded from AKS by selecting AKS mode 101.
Req – Set to 000 to indicate Normal Exchange mode.
Byte 1
LP Mode – After each measurement and processing cycle the device goes to sleep for a period, the
duration of which is set by the LP mode as per Table 5-3.
Table 5-2.
AKS Mode
AKS Bits
AKS Option
000
AKS disabled (default)
001
AKS global: All 7 keys + slider/wheel are in the same group
010
AKS group 1: all keys
AKS group 2: slider/wheel
011
AKS group 1: keys 1 – 4
AKS group 2: keys 5 – 7
AKS group 3: slider/wheel
100
AKS group 1: keys 1 – 4
AKS group 2: keys 5 – 7 + slider/wheel
101
AKS group 1: keys 1 – 6 + slider/wheel
AKS group 2: key 7
Table 5-3.
Sleep/Low Power Modes
LP Mode Bits
Operating Mode
000
Free run – 0 ms sleep period in each cycle (default):
Acquisition and processing carried out continuously with no sleep. This
mode has the highest power consumption, but the quickest response.
001
60 ms sleep period in each cycle
010
120 ms sleep period in each cycle
011
240 ms sleep period in each cycle
100
480 ms sleep period in each cycle


Similar Part No. - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results

Similar Description - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
   Six-channel QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com