Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT2100 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT42QT2100
Description  QTouch Touch Sensor IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT2100 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT42QT2100_14 Datasheet HTML 15Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 16Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 17Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 18Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 19Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 20Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 21Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 22Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
19
AT42QT2100 [DATASHEET]
9554E–AT42–01/13
5.
SPI Commands
5.1
Introduction
Each communication exchange between the QT2100 and the host device consists of 3 bytes transmitted each way.
The host controls the clock signals and the timing of the exchange.
The data sent by the host indicates the command mode and the device settings where appropriate. There are four
command modes, selectable through bits 5 – 7 of the first byte (byte 0, Req bits):
Normal Exchange mode (Req = 000)
Custom Threshold command mode (Req = 100)
Send Signal command mode (Req = 001)
Device Version command mode (Req = 010)
The device settings sent by the host in its three command bytes becomes effective immediately after all three bytes
are received by the QT2100. The response to these three bytes is three data bytes containing key detection
information.
5.2
Normal Exchange Mode
5.2.1
Introduction
The Normal Exchange mode (Req = 000) is the normal mode for communication between the host and the device.
Data is sent every time an SPI communication occurs in Normal Exchange mode. If one of the other commands is
sent by the host, the corresponding response will be sent during the subsequent 3-byte exchange.
This Normal Exchange response forms the default (start-up) QT2100 data.
5.2.2
Host Data
In Normal Exchange mode (Req = 000) the host sends the 3-byte data in
Table 5-1.
Table 5-1.
Normal Exchange Mode – Host Command Bytes
Host
Byte
Bit
7
6
5
4
3
2
1
0
0
Req = 000
PROX
SLD
AKS
1
0
MOD
DI
LPB
LP Mode
2
Resolution
CalW
CalK
Cal Key Num
Note:
Bits labelled 0 should not be altered


Similar Part No. - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results

Similar Description - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
   Six-channel QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com