Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT2100 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT42QT2100
Description  QTouch Touch Sensor IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT2100 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT42QT2100_14 Datasheet HTML 14Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 15Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 16Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 17Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 18Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 19Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 20Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 21Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
18
AT42QT2100 [DATASHEET]
9554E–AT42–01/13
Sleep mode is a special case of LP mode, where the sleep duration between bursts is infinite. All comments
concerning LP mode, including about SPI communications, apply equally to Sleep mode, except that the LPB bit is
ignored and bursts are always generated after an SPI transfer or SS wake pulse as if LPB = 1.
Note: In Sleep mode the QT2100 only performs acquisition bursts following being woken by SS. This has
two effects:
Touch detection only occurs following SS-wake pulses, and hence CHANGE can only go high at that time.
The QT2100 cannot drift its internal references unless the host sends periodic SS-wake pulses. If the host
does not do this, then it should command the QT2100 to recalibrate when it sets the QT2100 into a different
operating mode.
This mode can be used by the host to create its own LP Mode timings via the SS wakeup pulse method.
4.4.5
Sync Mode
This mode is useful for low frequency noise suppression, for example from mains frequencies in line-operated
appliances. Acquisition bursts are synchronized to the SS-wake pulses from the host.
Sync mode is very similar to LP Mode 4, with two differences:
It does not operate as in Free Run mode when a touch is first detected
The LPB bit is ignored and a burst is always generated after each SS wakeup or SPI transfer as if LPB = 1
Not operating as in Free Run mode when a touch is first detected (before DI confirmation has taken place) means
that acquisition bursts are restricted to the immediate time after a sync signal (SS), heightening the effect of low
frequency noise suppression.
In many applications of Sync mode the DI filter will need to be set to two counts, to avoid the QT2100 response time
being unacceptably lengthened as a consequence of this.


Similar Part No. - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results

Similar Description - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
   Six-channel QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com