Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT2100 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT42QT2100
Description  QTouch Touch Sensor IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT2100 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT42QT2100_14 Datasheet HTML 13Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 14Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 15Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 16Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 17Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 18Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 19Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 20Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
17
AT42QT2100 [DATASHEET]
9554E–AT42–01/13
After the SPI transfer is completed, the QT2100 will generate a set of three acquire bursts if LPB = 1, during which
DRDY will be low.
The mode and options settings sent from the host to the QT2100 during the SPI transfer take effect after the set of
acquire bursts.
If either LP mode or Sleep mode is selected, the QT2100 will go back to sleep with DRDY high provided no
key is detected as possibly touched.
If Sync mode is selected, the QT2100 will go back to sleep with DRDY high provided no key is detected as
possibly touched.
The CHANGE pin will go high at this time if a key is confirmed as touched.
SS Wake pulse: In LP Mode, a wake pulse may be used on the SS pin to either trigger an LPB acquire burst or to
wake the device in advance of communications. The pulse should be at least 22
µs in duration.
When used prior to communications, there should be a delay of 100
µs to 1 ms between the end of the SS Pulse and
the following SS assertion.
4.4.4
Sleep Mode
Sleep mode offers the lowest possible current drain, in the low microamp region.
Figure 4-3.
LP Mode SPI Operation
SPI Operation with LPB = 0
SPI Operation with LPB = 1
Note:
With LPB = 1, a pulse on SS with or without communications triggers an acquisition burst
to follow communications. Pulse width > 22
µs.
Acquire Bursts
>22us
/SS from host
SCLK from Host
Host Data Output
(QT2100 Input - MOSI)
command bytes
response bytes
QT Data Output
3-state
3-state
(QT2100 Out - MISO)
don't care
don't care
don't care
don't care
don't care
don't care
don't care
No SPI Communication
SPI Communication
Acquire Bursts
>22us
/SS from host
SCLK from Host
Host Data Output
(QT2100 Input - MOSI)
command bytes
response bytes
QT Data Output
3-state
3-state
(QT2100 Out - MISO)
don't care
don't care
don't care


Similar Part No. - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results

Similar Description - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
   Six-channel QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com