Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT2100 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT42QT2100
Description  QTouch Touch Sensor IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT2100 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT42QT2100_14 Datasheet HTML 12Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 13Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 14Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 15Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 16Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 17Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 18Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 19Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
16
AT42QT2100 [DATASHEET]
9554E–AT42–01/13
4.4
Operating Modes
4.4.1
Introduction
Four basic operating modes are possible: Free Run, Low Power (LP), Sleep and Sync. Sleep is a special case of
LP mode, where the sleep time is infinite. Sync is a special case of LP mode where the timing of host
communications is used as the timing basis for the QT2100 acquisition cycle. In the absence of host
communications, the device operates in its most power-efficient low power mode, LP Mode 4. See below for further
details.
4.4.2
Free Run Mode
In this mode the device operates continuously with short intervals between burst groups; there are three bursts, one
burst for each electrode group. DRDY goes high for approximately 500
µs between bursts and stays high during
signal processing.
In this mode, the acquisition bursts are unsynchronized, making this mode unsuitable if synchronization to mains
frequency is needed.
4.4.3
Low Power Mode
LP mode is designed to allow low power operation while still retaining full operation but at a slower speed. This mode
is useful for devices that must use the touch keys to wake up a product, yet minimize power consumption.
Several LP timings allow the user to trade power versus response time: the slower the response time, the lower the
power consumed.
In LP mode, the device spends a portion of the time sleeping between bursts; it wakes periodically to measure all
channels with a set of three acquisition bursts, then goes back to sleep.
If a touch is detected, the device operates as in Free Run mode and attempts to perform the Detect Integrator (DI)
noise filter function to completion; if the DI filter fails to confirm a detection the device goes back to sleep and
resumes LP mode. During the DI function the LPS bit will be cleared.
If a key is found to be in detection the CHANGE pin will go high and the part will remain in Free Run mode. To go
back into LP mode the host has to request LP mode again with an SPI communications exchange after the touch
detection has been cleared by removal of touch or recalibration.
CHANGE Pin in LP Mode: During the sleep portion of LP mode, CHANGE is held low.
If however a change of key state is confirmed, CHANGE goes high and the part runs from then on in Free Run mode
until the host reads the key state and puts the device back into LP mode or some other mode.
MISO in LP Mode: During the sleep portion of LP mode, MISO floats.
DRDY during LP Mode: DRDY remains high while the QT2100 is sleeping, to indicate to the host that SPI
communications are possible. During an actual acquire burst, DRDY is held low.
Command During LP Mode: The device can be woken from sleep by the SS pin being pulled low. Note that the SS
pin must be pulled high in order for the device to enter its lowest power sleep mode. If SS is held low, the device
enters a higher power sleep mode to enable SPI communications. The host may perform a normal SPI transfer as
shown in
Figure 4-3 on page 17.


Similar Part No. - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results

Similar Description - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
   Six-channel QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com