Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT2100 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT42QT2100
Description  QTouch Touch Sensor IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT2100 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT42QT2100_14 Datasheet HTML 10Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 11Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 12Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 13Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 14Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 15Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 16Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 17Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
14
AT42QT2100 [DATASHEET]
9554E–AT42–01/13
Figure 4-1.
DRDY Cycle without Communications
Figure 4-2.
DRDY Cycle with Communications
4.3
Signal Processing
4.3.1
Power-up Self-calibration
On power-up, or after reset, all 10 channels are typically calibrated and operational within 350 ms.
4.3.2
Drift Compensation
This operates to correct the reference level of each key automatically over time; it suppresses false detections
caused by changes in temperature, humidity, dirt and other environmental effects.
The QT2100 drifts towards touch at a rate limited to 1 count every 3 seconds, and away from touch at a rate limited
to 1 count every 0.5 s. Reference drift is paused during touch detection, and for 2 s after touch detection ends. These
timings may be slower in Sync mode, or where asynchronous acquisition is triggered with LPB, as timing calculations
are derived from the acquisition interval.
Burst 1
Burst 1
Burst 2
Burst 2
Burst 3
Burst 3
Processing
& Sleep
DRDY
Burst 1
Burst 2
Burst 3
Burst 1
Burst 1
Burst 2
Burst 2
Burst 3
Burst 3
Processing
& Sleep
SCK
DRDY
Burst 1
Burst 2
Burst 3


Similar Part No. - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results

Similar Description - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
   Six-channel QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com