Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT2100 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT42QT2100
Description  QTouch Touch Sensor IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT2100 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT42QT2100_14 Datasheet HTML 9Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 10Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 11Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 12Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 13Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 14Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 15Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 16Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
13
AT42QT2100 [DATASHEET]
9554E–AT42–01/13
See
Section 6.5 on page 32 for details of the SPI Configuration and Timing Parameters.
The host must always transfer three bytes in succession within the allotted time (10 ms maximum). If all bytes are
not received in this interval it is treated by the QT2100 as an error. In this case the exchange is reset and the next
read will contain the first data byte of a new exchange.
Messages from the host to the QT2100 carry configuration information; return data from the QT2100 carries key
state information. For details of the message contents see
Section 5. on page 19.
Figure 6-1 and Figure 6-2 on page 33 show the basic timing for SPI operation. The host does the clocking and
controls the timing of the transfers from the QT2100. Transfers are always clocked as a set of three bytes, Byte 1, 2,
and 3.
DRDY stays high for 500
µs. It falls again after Byte 3 has shifted to indicate completion. DRDY goes high after each
burst.
After the host asserts SS low, it should wait >22
µs in low power mode before starting SCK; in Free run mode, a
delay of 2
µs is sufficient. The QT2100 reads the MOSI pin with each rising edge of SCK, and shifts data out on the
MISO pin on falling edges. The host should do the same to ensure proper operation.
Between the end of the Byte 1 shift and the start of the Byte 2 shift (and between Byte 2 and Byte 3), the host may
raise SS again, but this is not required. SS should be held high when not communicating; if SS is low this is taken as
an indication of impending communications.
In this case, extra current is drawn, as the QT2100 does not enter its lowest power sleep mode.
All timings not mentioned above should be as in
Figure 6-2 on page 33.
4.2.2
Change Pin
The QT2100 has a CHANGE output pin which allows for key state change notification. Use of the CHANGE signal
relieves the host of the burden of regularly polling the QT2100 to get key states. CHANGE goes high when an event
occurs that causes a change to the contents of the Normal Data bytes; that is, when a new key is pressed, or
released, or a movement is detected on the slider/wheel.
Similarly, when a custom threshold or LPM is sent to the QT2100, the CHANGE line is asserted to indicate that the
new setting has been applied and is shown in the Normal Exchange data.
CHANGE also goes high after a reset to indicate to the host that it should do an SPI transfer in order to provide initial
configuration information to the QT2100 (as it does on every SPI transfer).
CHANGE is driven low only once the data has been read through an SPI transfer.
In the case of a transient touch on one of the sensors, in which the touch has been removed before the host has read
the status of the sensors, the Change line remains asserted.
Note: In this case the data that will be read may be identical to the data that was previously read.
4.2.3
DRDY Pin
The Data Ready (DRDY) pin is a quick indication of the QT2100 activity. During channel acquisition bursts the pin is
held low by the device, and driven high for ~500
µs in between bursts. During processing and sleep the pin is driven
high continuously, unless a 3-byte communications exchange has taken place since the last acquisition burst.
After a 3-byte exchange has completed the pin is pulled low and remains low until the next burst completion, after
which the normal cycle resumes. This allows the host to detect if the 3-byte exchange packets have become
de-synchronized.
The QT2100 has a DRDY grace period. If communications start during the 20
µs after DRDY has been deasserted
(pulled low) by the QT2100, then DRDY is reasserted and held high until the exchange is complete. Key
measurement bursts do not take place during this time.


Similar Part No. - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results

Similar Description - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
   Six-channel QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com