Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT2100 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT42QT2100
Description  QTouch Touch Sensor IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT2100 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT42QT2100_14 Datasheet HTML 8Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 9Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 10Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 11Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 12Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 13Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 14Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 15Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
12
AT42QT2100 [DATASHEET]
9554E–AT42–01/13
4.
Detailed Operation
4.1
Reset
4.1.1
Introduction
When starting from power-up or RESET reset there are a few additional factors to be aware of. In most applications
the host will not need to take special action.
During hardware reset all outputs are disabled. To define the levels of the CHANGE and DRDY during reset these
signals should pulled down by resistors to 0 V. Otherwise, they may drift high causing the host to detect a false
logic 1.
When the initial reset phase ends, CHANGE and DRDY outputs are enabled. DRDY will drive low and CHANGE will
drive high.
4.1.2
Delay to SPI Functionality
The QT2100 SPI interface is not operational while the device is being reset. However, SPI is made operational early
in the start-up procedure.
After any reset (either via the RESET pin or via power-up), SPI typically becomes operational within 50 ms of RESET
going high or power-up. CHANGE is pulled high, and held high until the device status is read by the host micro-
controller, to indicate completion of the initialization sequence after power-on or reset.
4.1.3
Reset Delay to Touch Detection
After power-up or reset, the QT2100 calibrates all electrodes.
During this time, touch detection cannot be reported. Calibration completes after 15 burst cycles, which takes
approximately 350 ms, depending on the electrode layout and Cs selection.
In total, 400 ms are required from reset or power-up for the device to be fully functional.
4.1.4
Disabled Keys:
Keys with missing Cs capacitors, or that otherwise have an out-of-range signal during calibration, are considered to
be unused or faulty and are disabled. Disabled keys are re-examined for operation after each reset or recalibration
event.
4.1.5
Mode Setting After Reset
After a reset the device will enter Free Run mode, with AKS disabled.
4.2
Communications
4.2.1
Introduction
The QT2100 communicates as a slave device over a full-duplex 4-wire (MISO, MOSI, SCK, SS) SPI interface. In
addition there is a DRDY pin which indicates when the QT2100 is carrying out acquisition bursts and a CHANGE pin
which is asserted when a change occurs in the status of the touch sensors (see
Table 4-1).
Table 4-1.
Additional Pins
Pin
High
Low
DRDY
Burst is complete
Burst is active
CHANGE
New touch data
Latest data has already been
read by host


Similar Part No. - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results

Similar Description - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
   Six-channel QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com