Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT2100 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT42QT2100
Description  QTouch Touch Sensor IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT2100 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT42QT2100_14 Datasheet HTML 6Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 7Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 8Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 9Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 10Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 11Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 12Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 13Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
10
AT42QT2100 [DATASHEET]
9554E–AT42–01/13
Figure 3-1.
Examples of Good and Bad Tracking
3.5
Slider and Wheel Construction
The QT2100 can be connected to a linear slider element or a wheel (see
Figure 3-2). Selection of linear slider
operation or a wheel is set through an SPI command.
As with touch button electrodes, sliders and wheels can be constructed as etched areas on a PCB or flex circuit, or
from clear conductors such as Indium Tin Oxide (ITO) or screenprinted PEDOT to allow backlighting effects, or for
use over an LCD display.
Figure 3-2.
All-Metal Slider and Wheel Construction
(Downloadable CAD files can be found on the Atmel website)
3.6
Oscillator
No external oscillator is needed.
3.7
PCB Layout and Construction
Refer to Application Note QTAN0079, Buttons, Sliders and Wheels Sensor Design Guide and the Touch Sensors
Design Guide (both downloadable from the Atmel website), for more information on construction and design
methods.
The sensing channels used for the individual keys can be implemented as per the Touch Sensors Design Guide.
Example of GOOD tracking
Example of BAD tracking
0
127
1 to 126
Position (at 7 bits: 0 t o 127)
SNSA1
Tips of triangles should
be spaced 4 mm apart.
 4 mm
 4 mm
Position 0
Position 43
Position 85
SNSA2
SNSA3
SNSA3
SNSA1
SNSA2
SNSA3


Similar Part No. - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results

Similar Description - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
   Six-channel QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com