Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT2100 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT42QT2100
Description  QTouch Touch Sensor IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT2100 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT42QT2100_14 Datasheet HTML 1Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 2Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 3Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 4Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 5Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 6Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 7Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 8Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
9554E–AT42–01/13
Features
Number of QTouch® Keys:
– 0 to 7, one slider or one wheel
Technology:
– Patented spread-spectrum charge-transfer
Key Outline Sizes:
– 5 mm x 5 mm or larger (panel thickness dependent); widely different sizes
and shapes possible
Key Spacing:
– 6 mm or wider, center to center (panel thickness, human factors
dependent)
Key Design:
– Single solid or ring shaped electrodes; wide variety of possible layouts
Wheel Size:
– Typically 30 – 50 mm diameter, resistively interpolated wheel up to 80 mm
diameter, typical width 12 mm
Slider Size:
– Typically 50 – 100 mm length, typical width 12 mm
Slider/Wheel Electrode Design:
– Choice of spatially interpolated (resistorless) or resistively interpolated
design
– Slider can be an arc or other irregular shape
Layers Required:
– One layer substrate; electrodes and components can be on same side
Substrates:
– FR-4, low cost CEM-1 or FR-2 PCB materials; polyamide FPCB; PET films,
glass
Electrode Materials:
– Copper, silver, carbon, ITO, virtually anything electrically conductive
Panel materials:
– Plastic, glass, composites, painted surfaces (nonconductive paints)
Adjacent Metal:
– Compatible with grounded metal immediately next to keys
Panel Thickness:
– For keys, up to 15 mm glass, 10 mm plastic (key size dependent)
– For slider/wheel, up to 4 mm glass, 3 mm plastic
Key Sensitivity:
– Adjustable via change in sampling capacitor (Cs) value
Atmel AT42QT2100
QTouch Touch Sensor IC
DATASHEET


Similar Part No. - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results

Similar Description - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
   Six-channel QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com