Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT2100 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT42QT2100
Description  QTouch Touch Sensor IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT2100 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT42QT2100_14 Datasheet HTML 5Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 6Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 7Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 8Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 9Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 10Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 11Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 12Page - ATMEL Corporation AT42QT2100_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
9
AT42QT2100 [DATASHEET]
9554E–AT42–01/13
3.
Wiring and Parts
3.1
Cs Sample Capacitors
The Cs (CsA1 to CSA3 and CsB1 to CSB7) sample capacitors accumulate the charge from the key electrodes and
determine sensitivity. Higher values of Cs make the corresponding sensing channel more sensitive. The values of Cs
can differ for each channel, permitting differences in sensitivity from key to key or to balance unequal sensitivities.
Unequal sensitivities can occur due to key size and placement differences and stray wiring capacitances. More stray
capacitance on a sense trace will desensitize the corresponding key; increasing the Cs for that key will compensate
for the loss of sensitivity.
The Cs capacitors can be virtually any plastic film or low to medium-K ceramic capacitor. Acceptable capacitor types
for most uses include PPS film, polypropylene film, and NP0 and X7R ceramics. Lower grade ceramics than X7R are
not advised; the X5R grade should be avoided because it is less stable than X7R. Larger values of Cs require better
quality to ensure reliable sensing
The normal Cs range is 1 nF to 100 nF for the keys and 4.7 nF to 220 nF for each channel of the slider or wheel for
good performance and position detection. The actual value used depends on the sensitivity required. A 3 nF to 5 nF
capacitor is typical for a touch key with an electrode diameter of 10 to 12 mm and a cover of 1 to 2 mm plastic, and
approximately 10 nF to 15 nF for slider or wheel electrodes.
3.2
Rs Series Resistors
Series Rs resistors (RsA1 to RSA3 and RsB1 to RSB7) are in-line with the electrode connections and are used to
limit electrostatic discharge (ESD) currents and to suppress radio frequency interference (RFI). For most
applications the Rs resistors will be in the range 4.7 k
 to 33 k each. In a few applications with low loading on the
sense keys the value may be up to 100 k
.
Although these resistors may be omitted, the device may become susceptible to external noise or RFI. For details of
how to select these resistors refer to Application Note QTAN0079 Buttons, Sliders and Wheels Sensor Design
Guide.
3.3
Power Supply
The power supply can range from 2.0 V to 5.5 V. If this fluctuates slowly with temperature, the device will track and
compensate for these changes automatically with only minor changes in sensitivity. If the supply voltage drifts or
shifts quickly, the drift compensation mechanism will not be able to keep up, causing sensitivity anomalies or false
detections. In this situation a dedicated voltage regulator should be included in the circuit.
The QT2100 power supply should be locally regulated using a three-terminal device, to between 2.0 V and 5.5 V. If
the supply is shared with another electronic system, care should be taken to ensure that the supply is free of digital
spikes, sags, and surges, all of which can cause adverse effects.
For proper operation a 0.1
µF, or greater, bypass capacitor must be used between Vdd and Vss; the bypass
capacitor should be routed with very short tracks to the QT2100 VSS and VDD pins.
3.4
MLF Package Restrictions
The central pad on the underside of the MLF chip should be connected to ground. Do not run any tracks underneath
the body of the chip, only ground.
Figure 3-1 shows an example of good and bad tracking.


Similar Part No. - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results

Similar Description - AT42QT2100_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
   Six-channel QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com