Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3A0512 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT32UC3A0512
Description  High Performance, Low Power 32-Bit Atmel AVR Microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A0512 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT32UC3A0512_14 Datasheet HTML 8Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 9Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 10Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 11Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 12Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 13Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 14Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 15Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 98 page
background image
12
AT32UC3A
Analog to Digital Converter - ADC
AD0 - AD7
Analog input pins
Analog
input
ADVREF
Analog positive reference voltage input
Analog
input
2.6 to 3.6V
Pulse Width Modulator - PWM
PWM0 - PWM6
PWM Output Pins
Output
Universal Serial Bus Device - USB
DDM
USB Device Port Data -
Analog
DDP
USB Device Port Data +
Analog
VBUS
USB VBUS Monitor and OTG Negociation
Analog
Input
USBID
ID Pin of the USB Bus
Input
USB_VBOF
USB VBUS On/off: bus power control port
output
Audio Bitstream DAC (ABDAC)
DATA0-DATA1
D/A Data out
Outpu
DATAN0-DATAN1
D/A Data inverted out
Outpu
Table 5-1.
Signal Description List
Signal Name
Function
Type
Active
Level
Comments
32058KS–AVR32–01/12


Similar Part No. - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A0512 ATMEL-AT32UC3A0512_1 Datasheet
11Mb / 826P
   AVR32 32-Bit Microcontroller
More results

Similar Description - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
   High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
   High-performance, Low-power 32-bit Atmel AVR Microcontroller
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
   32-bit Atmel AVR Microcontroller
AT32UC3L0256-D3HT ATMEL-AT32UC3L0256-D3HT Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
ATA5505 ATMEL-ATA5505 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA64 ATMEL-ATMEGA64_14 Datasheet
7Mb / 414P
   High-performance, Low-power Atmel AVR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com