Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3A0512 Datasheet(PDF) 60 Page - ATMEL Corporation

Part # AT32UC3A0512
Description  High Performance, Low Power 32-Bit Atmel AVR Microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A0512 Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button AT32UC3A0512_14 Datasheet HTML 56Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 57Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 58Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 59Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 60Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 61Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 62Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 63Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 98 page
background image
60
AT32UC3A
Notes:
1. 3.3V domain: VVDDIO from 3.0V to 3.6V, maximum external capacitor = 40 pF.
2. tCPMCK: Master Clock period in ns.
12.12 MACB Characteristics
Notes:
1. f: MCK frequency (MHz)
2. VVDDIO from 3.0V to 3.6V, maximum external capacitor = 20 pF
Table 12-30. SPI Timings
Symbol
Parameter
Conditions
Min
Max
Units
SPI
0
MISO Setup time before SPCK rises (master)
3.3V domain(1)
22 + (t
CPMCK)/2
(2)
ns
SPI
1
MISO Hold time after SPCK rises (master)
3.3V domain(1)
0ns
SPI
2
SPCK rising to MOSI Delay (master)
3.3V domain(1)
7ns
SPI
3
MISO Setup time before SPCK falls (master)
3.3V domain(1)
22 + (t
CPMCK)/2
(2)
ns
SPI
4
MISO Hold time after SPCK falls (master)
3.3V domain (1)
0ns
SPI
5
SPCK falling to MOSI Delay (master)
3.3V domain (1)
7ns
SPI
6
SPCK falling to MISO Delay (slave)
3.3V domain (1)
26.5
ns
SPI
7
MOSI Setup time before SPCK rises (slave)
3.3V domain (1)
0ns
SPI
8
MOSI Hold time after SPCK rises (slave)
3.3V domain (1)
1.5
ns
SPI
9
SPCK rising to MISO Delay (slave)
3.3V domain (1)
27
ns
SPI
10
MOSI Setup time before SPCK falls (slave)
3.3V domain (1)
0ns
SPI
11
MOSI Hold time after SPCK falls (slave)
3.3V domain (1)
1ns
Table 12-31. Ethernet MAC Signals
Symbol
Parameter
Conditions
Min (ns)
Max (ns)
EMAC
1
Setup for EMDIO from EMDC rising
Load: 20pF(2)
EMAC2
Hold for EMDIO from EMDC rising
Load: 20pF(2)
EMAC
3
EMDIO toggling from EMDC falling
Load: 20pF(2)
Table 12-32. Ethernet MAC MII Specific Signals
Symbol
Parameter
Conditions
Min (ns)
Max (ns)
EMAC
4
Setup for ECOL from ETXCK rising
Load: 20pF (1)
3
EMAC
5
Hold for ECOL from ETXCK rising
Load: 20pF (1)
0
EMAC6
Setup for ECRS from ETXCK rising
Load: 20pF (1)
3
EMAC
7
Hold for ECRS from ETXCK rising
Load: 20pF (1)
0
EMAC8
ETXER toggling from ETXCK rising
Load: 20pF (1)
15
EMAC9
ETXEN toggling from ETXCK rising
Load: 20pF (1)
15
EMAC
10
ETX toggling from ETXCK rising
Load: 20pF (1)
15
EMAC11
Setup for ERX from ERXCK
Load: 20pF (1)
1
32058KS–AVR32–01/12


Similar Part No. - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A0512 ATMEL-AT32UC3A0512_1 Datasheet
11Mb / 826P
   AVR32 32-Bit Microcontroller
More results

Similar Description - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
   High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
   High-performance, Low-power 32-bit Atmel AVR Microcontroller
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
   32-bit Atmel AVR Microcontroller
AT32UC3L0256-D3HT ATMEL-AT32UC3L0256-D3HT Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
ATA5505 ATMEL-ATA5505 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA64 ATMEL-ATMEGA64_14 Datasheet
7Mb / 414P
   High-performance, Low-power Atmel AVR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com