Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3A0512 Datasheet(PDF) 54 Page - ATMEL Corporation

Part # AT32UC3A0512
Description  High Performance, Low Power 32-Bit Atmel AVR Microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A0512 Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button AT32UC3A0512_14 Datasheet HTML 50Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 51Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 52Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 53Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 54Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 55Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 56Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 57Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 98 page
background image
54
AT32UC3A
Figure 12-3. SMC Signals for NRD and NRW Controlled Accesses.
12.9.1
SDRAM Signals
These timings are given for 10 pF load on SDCK and 40 pF on other signals.
Note:
1. The maximum frequency of the SDRAMC interface is the same as the max frequency for the
HSB.
NRD
NCS
D0 - D15
NWE
A2-A25
A0/A1/NBS[3:0]
SMC7
SMC19
SMC20
SMC43
SMC37
SMC42
SMC8
SMC1
SMC2
SMC23
SMC24
SMC32
SMC7
SMC8
SMC6
SMC5
SMC4
SMC3
SMC9
SMC41
SMC40
SMC39
SMC38
SMC45
SMC9
SMC6
SMC5
SMC4
SMC3
SMC33
SMC30
SMC29
SMC26
SMC25
SMC31
SMC44
Table 12-27. SDRAM Clock Signal.
Symbol
Parameter
Max(1)
Units
1/(t
CPSDCK)
SDRAM Controller Clock Frequency
1/(t
cpcpu)MHz
Table 12-28. SDRAM Clock Signal.
Symbol
Parameter
Min
Units
SDRAMC1
SDCKE High before SDCK Rising Edge
7.4
ns
SDRAMC2
SDCKE Low after SDCK Rising Edge
3.2
SDRAMC3
SDCKE Low before SDCK Rising Edge
7
SDRAMC4
SDCKE High after SDCK Rising Edge
2.9
SDRAMC5
SDCS Low before SDCK Rising Edge
7.5
SDRAMC6
SDCS High after SDCK Rising Edge
1.6
SDRAMC7
RAS Low before SDCK Rising Edge
7.2
SDRAMC8
RAS High after SDCK Rising Edge
2.3
SDRAMC9
SDA10 Change before SDCK Rising Edge
7.6
SDRAMC10
SDA10 Change after SDCK Rising Edge
1.9
32058KS–AVR32–01/12


Similar Part No. - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A0512 ATMEL-AT32UC3A0512_1 Datasheet
11Mb / 826P
   AVR32 32-Bit Microcontroller
More results

Similar Description - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
   High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
   High-performance, Low-power 32-bit Atmel AVR Microcontroller
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
   32-bit Atmel AVR Microcontroller
AT32UC3L0256-D3HT ATMEL-AT32UC3L0256-D3HT Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
ATA5505 ATMEL-ATA5505 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA64 ATMEL-ATMEGA64_14 Datasheet
7Mb / 414P
   High-performance, Low-power Atmel AVR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com