Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3A0512 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT32UC3A0512
Description  High Performance, Low Power 32-Bit Atmel AVR Microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A0512 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT32UC3A0512_14 Datasheet HTML 45Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 46Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 47Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 48Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 49Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 50Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 51Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 52Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 98 page
background image
49
AT32UC3A
12.8
ADC Characteristics
Notes:
1. Corresponds to 13 clock cycles at 5 MHz: 3 clock cycles for track and hold acquisition time and 10 clock cycles for
conversion.
2. Corresponds to 15 clock cycles at 8 MHz: 5 clock cycles for track and hold acquisition time and 10 clock cycles for
conversion.
Note:
ADVREF should be connected to GND to avoid extra consumption in case ADC is not used.
Table 12-17. Channel Conversion Time and ADC Clock
Parameter
Conditions
Min
Typ
Max
Units
ADC Clock Frequency
10-bit resolution mode
5
MHz
ADC Clock Frequency
8-bit resolution mode
8
MHz
Startup Time
Return from Idle Mode
20
µs
Track and Hold Acquisition Time
600
ns
Conversion Time
ADC Clock = 5 MHz
2
µs
Conversion Time
ADC Clock = 8 MHz
1.25
µs
Throughput Rate
ADC Clock = 5 MHz
384
(1)
kSPS
Throughput Rate
ADC Clock = 8 MHz
533(2)
kSPS
Table 12-18. External Voltage Reference Input
Parameter
Conditions
Min
Typ
Max
Units
ADVREF Input Voltage Range
2.6
VDDANA
V
ADVREF Average Current
On 13 samples with ADC Clock = 5 MHz
200
250
µA
Current Consumption on VDDANA
1.25
mA
Table 12-19. Analog Inputs
Parameter
Min
Typ
Max
Units
Input Voltage Range
0V
ADVREF
Input Leakage Current
1
µA
Input Capacitance
17
pF
Table 12-20. Transfer Characteristics in 8-bit mode
Parameter
Conditions
Min
Typ
Max
Units
Resolution
8Bit
Absolute Accuracy
f=5MHz
0.8
LSB
f=8MHz
1.5
LSB
Integral Non-linearity
f=5MHz
0.35
0.5
LSB
f=8MHz
0.5
1.0
LSB
Differential Non-linearity
f=5MHz
0.3
0.5
LSB
f=8MHz
0.5
1.0
LSB
Offset Error
f=5MHz
-0.5
0.5
LSB
Gain Error
f=5MHz
-0.5
0.5
LSB
32058KS–AVR32–01/12


Similar Part No. - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A0512 ATMEL-AT32UC3A0512_1 Datasheet
11Mb / 826P
   AVR32 32-Bit Microcontroller
More results

Similar Description - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
   High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
   High-performance, Low-power 32-bit Atmel AVR Microcontroller
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
   32-bit Atmel AVR Microcontroller
AT32UC3L0256-D3HT ATMEL-AT32UC3L0256-D3HT Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
ATA5505 ATMEL-ATA5505 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA64 ATMEL-ATMEGA64_14 Datasheet
7Mb / 414P
   High-performance, Low-power Atmel AVR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com