Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3A0512 Datasheet(PDF) 47 Page - ATMEL Corporation

Part # AT32UC3A0512
Description  High Performance, Low Power 32-Bit Atmel AVR Microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A0512 Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button AT32UC3A0512_14 Datasheet HTML 43Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 44Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 45Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 46Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 47Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 48Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 49Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 50Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 98 page
background image
47
AT32UC3A
•V
DDCORE = 1.8V
• Ambient Temperature = 25°C
12.6.1
CPU/HSB Clock Characteristics
12.6.2
PBA Clock Characteristics
12.6.3
PBB Clock Characteristics
12.7
Crystal Oscillator Characteristis
The following characteristics are applicable to the operating temperature range: T
A = -40°C to 85°C and worst case of
power supply, unless otherwise specified.
12.7.1
32 KHz Oscillator Characteristics
Note:
1. C
L is the equivalent load capacitance.
Table 12-11. Core Clock Waveform Parameters
Symbol
Parameter
Conditions
Min
Max
Units
1/(t
CPCPU)
CPU Clock Frequency
66
MHz
tCPCPU
CPU Clock Period
15,15
ns
Table 12-12. PBA Clock Waveform Parameters
Symbol
Parameter
Conditions
Min
Max
Units
1/(t
CPPBA)
PBA Clock Frequency
66
MHz
tCPPBA
PBA Clock Period
15,15
ns
Table 12-13. PBB Clock Waveform Parameters
Symbol
Parameter
Conditions
Min
Max
Units
1/(t
CPPBB)
PBB Clock Frequency
66
MHz
tCPPBB
PBB Clock Period
15,15
ns
Table 12-14. 32 KHz Oscillator Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1/(t
CP32KHz)
Crystal Oscillator Frequency
32 768
Hz
CL
Equivalent Load Capacitance
6
12.5
pF
t
ST
Startup Time
C
L = 6pF
(1)
CL = 12.5pF
(1)
600
1200
ms
IOSC
Current Consumption
Active mode
1.8
µA
Standby mode
0.1
µA
32058KS–AVR32–01/12


Similar Part No. - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A0512 ATMEL-AT32UC3A0512_1 Datasheet
11Mb / 826P
AVR32 32-Bit Microcontroller
More results

Similar Description - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
High-performance, Low-power 32-bit Atmel AVR Microcontroller
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
32-bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
32-bit Atmel AVR Microcontroller
AT32UC3L0256-D3HT ATMEL-AT32UC3L0256-D3HT Datasheet
1Mb / 96P
32-bit Atmel AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
High Performance, Low Power 32-bit AVR Microcontroller
ATA5505 ATMEL-ATA5505 Datasheet
5Mb / 294P
High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA64 ATMEL-ATMEGA64_14 Datasheet
7Mb / 414P
High-performance, Low-power Atmel AVR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com