Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3A0512 Datasheet(PDF) 45 Page - ATMEL Corporation

Part # AT32UC3A0512
Description  High Performance, Low Power 32-Bit Atmel AVR Microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A0512 Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button AT32UC3A0512_14 Datasheet HTML 41Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 42Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 43Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 44Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 45Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 46Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 47Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 48Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 98 page
background image
45
AT32UC3A
These figures represent the power consumption measured on the power supplies.
Table 12-9.
Power Consumption for Different Modes
Mode
Conditions
Typ.
Unit
Active
Typ : Ta =25 °C
CPU running from flash
(1).
VDDIN=3.3 V. VDDCORE =1.8V.
CPU clocked from PLL0 at f MHz
Voltage regulator is on.
XIN0 : external clock.
(1)
XIN1 stopped. XIN32 stopped
PLL0 running
All peripheral clocks activated.
GPIOs on internal pull-up.
JTAG unconnected with ext pull-up.
f = 12 MHz
9
mA
f = 24 MHz
15
mA
f = 36MHz
20
mA
f = 50 MHz
28
mA
f = 66 MHz
36.3
mA
Idle
Typ : Ta = 25 °C
CPU running from flash (1).
VDDIN=3.3 V. VDDCORE =1.8V.
CPU clocked from PLL0 at f MHz
Voltage regulator is on.
XIN0 : external clock.
XIN1 stopped. XIN32 stopped
PLL0 running
All peripheral clocks activated.
GPIOs on internal pull-up.
JTAG unconnected with ext pull-up.
f = 12 MHz
5
mA
f = 24 MHz
10
mA
f = 36MHz
14
mA
f = 50 MHz
19
mA
f = 66 MHz
25.5
mA
Frozen
Typ : Ta = 25 °C
CPU running from flash
(1).
CPU clocked from PLL0 at f MHz
Voltage regulator is on.
XIN0 : external clock.
XIN1 stopped. XIN32 stopped
PLL0 running
All peripheral clocks activated.
GPIOs on internal pull-up.
JTAG unconnected with ext pull-up.
f = 12 MHz
3
mA
f = 24 MHz
6
mA
f = 36MHz
9
mA
f = 50 MHz
13
mA
f = 66 MHz
16.8
mA
Standby
Typ : Ta = 25 °C
CPU running from flash
(1).
CPU clocked from PLL0 at f MHz
Voltage regulator is on.
XIN0 : external clock.
XIN1 stopped. XIN32 stopped
PLL0 running
All peripheral clocks activated.
GPIOs on internal pull-up.
JTAG unconnected with ext pull-up.
f = 12 MHz
1
mA
f = 24 MHz
2
mA
f = 36MHz
3
mA
f = 50 MHz
4
mA
f = 66 MHz
4.8
mA
32058KS–AVR32–01/12


Similar Part No. - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A0512 ATMEL-AT32UC3A0512_1 Datasheet
11Mb / 826P
   AVR32 32-Bit Microcontroller
More results

Similar Description - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
   High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
   High-performance, Low-power 32-bit Atmel AVR Microcontroller
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
   32-bit Atmel AVR Microcontroller
AT32UC3L0256-D3HT ATMEL-AT32UC3L0256-D3HT Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
ATA5505 ATMEL-ATA5505 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA64 ATMEL-ATMEGA64_14 Datasheet
7Mb / 414P
   High-performance, Low-power Atmel AVR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com