Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3A0512 Datasheet(PDF) 43 Page - ATMEL Corporation

Part # AT32UC3A0512
Description  High Performance, Low Power 32-Bit Atmel AVR Microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A0512 Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button AT32UC3A0512_14 Datasheet HTML 39Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 40Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 41Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 42Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 43Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 44Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 45Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 46Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 98 page
background image
43
AT32UC3A
Table 12-7.
BOD Timing
12.4.2
POR
Table 12-8.
Electrical Characteristic
Symbol
Parameter
Test Conditions
Typ.
Max.
Units.
T
BOD
Minimum time with
VDDCORE < VBOD to
detect power failure
Falling VDDCORE
from 1.8V to 1.1V
300
800
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units.
VDDRR
VDDCORE rise rate to ensure power-on-reset
0.01
V/ms
VSSFR
VDDCORE fall rate to ensure power-on-reset
0.01
400
V/ms
VPOR+
Rising threshold voltage: voltage up to which
device is kept under reset by POR on rising
VDDCORE
Rising VDDCORE:
VRESTART -> VPOR+
1.35
1.5
1.6
V
VPOR-
Falling threshold voltage: voltage when POR
resets device on falling VDDCORE
Falling VDDCORE:
1.8V
-> V
POR+
1.25
1.3
1.4
V
VRESTART
On falling VDDCORE, voltage must go down to
this value before supply can rise again to ensure
reset signal is released at V
POR+
Falling VDDCORE:
1.8V
-> V
RESTART
-0.1
0.5
V
TPOR
Minimum time with VDDCORE < V
POR-
Falling VDDCORE:
1.8V
-> 1.1V
15
us
T
RST
Time for reset signal to be propagated to system
200
400
us
32058KS–AVR32–01/12


Similar Part No. - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A0512 ATMEL-AT32UC3A0512_1 Datasheet
11Mb / 826P
   AVR32 32-Bit Microcontroller
More results

Similar Description - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
   High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
   High-performance, Low-power 32-bit Atmel AVR Microcontroller
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
   32-bit Atmel AVR Microcontroller
AT32UC3L0256-D3HT ATMEL-AT32UC3L0256-D3HT Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
ATA5505 ATMEL-ATA5505 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA64 ATMEL-ATMEGA64_14 Datasheet
7Mb / 414P
   High-performance, Low-power Atmel AVR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com