Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3A0512 Datasheet(PDF) 42 Page - ATMEL Corporation

Part # AT32UC3A0512
Description  High Performance, Low Power 32-Bit Atmel AVR Microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A0512 Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button AT32UC3A0512_14 Datasheet HTML 38Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 39Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 40Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 41Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 42Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 43Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 44Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 45Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 98 page
background image
42
AT32UC3A
12.3
Regulator characteristics
Table 12-2.
Electrical characteristics
Table 12-3.
Decoupling requirements
12.4
Analog characteristics
Table 12-4.
Electrical characteristics
Table 12-5.
Decoupling requirement
s
12.4.1
BOD
Table 12-6.
BODLEVEL Values
The values in Table 12-6 describes the values of the BODLEVEL in the flash FGPFR register.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
V
VDDIN
Supply voltage (input)
3
3.3
3.6
V
VVDDOUT
Supply voltage (output)
1.81
1.85
1.89
V
IOUT
Maximum DC output current with VVDDIN = 3.3V
100
mA
Maximum DC output current with V
VDDIN = 2.7V
90
mA
I
SCR
Static Current of internal regulator
Low Power mode (stop, deep stop
or static) at TA =25°C
10
µA
Symbol
Parameter
Condition
Typ.
Techno.
Units
C
IN1
Input Regulator Capacitor 1
1
NPO
nF
CIN2
Input Regulator Capacitor 2
4.7
X7R
uF
COUT1
Output Regulator Capacitor 1
470
NPO
pF
C
OUT2
Output Regulator Capacitor 2
2.2
X7R
uF
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
V
ADVREF
Analog voltage reference (input)
2.6
3.6
V
Symbol
Parameter
Condition
Typ.
Techno
.Units
C
VREF1
Voltage reference Capacitor 1
10
-
nF
C
VREF2
Voltage reference Capacitor 2
1
-
uF
BODLEVEL Value
Typ.
Typ.
Typ.
Units.
00 0000b
1.40
1.47
1.55
V
01 0111b
1.45
1.52
1.6
V
01 1111b
1.55
1.6
1.65
V
10 0111b
1.65
1.69
1.75
V
32058KS–AVR32–01/12


Similar Part No. - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A0512 ATMEL-AT32UC3A0512_1 Datasheet
11Mb / 826P
AVR32 32-Bit Microcontroller
More results

Similar Description - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
High-performance, Low-power 32-bit Atmel AVR Microcontroller
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
32-bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
32-bit Atmel AVR Microcontroller
AT32UC3L0256-D3HT ATMEL-AT32UC3L0256-D3HT Datasheet
1Mb / 96P
32-bit Atmel AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
High Performance, Low Power 32-bit AVR Microcontroller
ATA5505 ATMEL-ATA5505 Datasheet
5Mb / 294P
High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA64 ATMEL-ATMEGA64_14 Datasheet
7Mb / 414P
High-performance, Low-power Atmel AVR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com