Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3A0512 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT32UC3A0512
Description  High Performance, Low Power 32-Bit Atmel AVR Microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A0512 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT32UC3A0512_14 Datasheet HTML 37Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 38Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 39Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 40Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 41Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 42Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 43Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 44Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 98 page
background image
41
AT32UC3A
12.2
DC Characteristics
The following characteristics are applicable to the operating temperature range: T
A = -40°C to 85°C, unless otherwise spec-
ified and are certified for a junction temperature up to T
J = 100°C.
Table 12-1.
DC Characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max
Units
V
VDDCOR
E
DC Supply Core
1.65
1.95
V
VVDDPLL
DC Supply PLL
1.65
1.95
V
V
VDDIO
DC Supply Peripheral I/Os
3.0
3.6
V
VREF
Analog reference voltage
2.6
3.6
V
VIL
Input Low-level Voltage
-0.3
+0.8
V
VIH
Input High-level Voltage
All GPIOS except for PC00, PC01, PC02,
PC03, PC04, PC05.
2.0
5.5V
V
PC00, PC01, PC02, PC03, PC04, PC05.
2.0
3.6V
V
VOL
Output Low-level Voltage
I
OL=-4mA for PA0-PA20, PB0, PB4-PB9,
PB11-PB18, PB24-PB26, PB29-PB31,
PX0-PX39
0.4
V
I
OL=-8mA for PA21-PA30, PB1-PB3,
PB10, PB19-PB23, PB27-PB28, PC0-
PC5
0.4
V
V
OH
Output High-level Voltage
I
OH=4mA for PA0-PA20, PB0, PB4-PB9,
PB11-PB18, PB24-PB26, PB29-PB31,
PX0-PX39
V
VDDIO-
0.4
V
I
OH=8mA for PA21-PA30, PB1-PB3,
PB10, PB19-PB23, PB27-PB28, PC0-
PC5
VVDDIO-
0.4
V
IOL
Output Low-level Current
PA0-PA20, PB0, PB4-PB9, PB11-PB18,
PB24-PB26, PB29-PB31, PX0-PX39
-4
mA
PA21-PA30, PB1-PB3, PB10, PB19-
PB23, PB27-PB28, PC0-PC5
-8
mA
I
OH
Output HIgh-level Current
PA0-PA20, PB0, PB4-PB9, PB11-PB18,
PB24-PB26, PB29-PB31, PX0-PX39
4mA
PA21-PA30, PB1-PB3, PB10, PB19-
PB23, PB27-PB28, PC0-PC5
8mA
ILEAK
Input Leakage Current
Pullup resistors disabled
1
µA
C
IN
Input Capacitance
TQFP100 Package
7
pF
LQFP144 Package
7
pF
RPULLUP
Pull-up Resistance
All GPIO and RESET_N pin.
10K
15K
Ohm
32058KS–AVR32–01/12


Similar Part No. - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A0512 ATMEL-AT32UC3A0512_1 Datasheet
11Mb / 826P
AVR32 32-Bit Microcontroller
More results

Similar Description - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
32-bit Atmel AVR Microcontroller
ATA5505 ATMEL-ATA5505 Datasheet
5Mb / 294P
High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
32-bit Atmel AVR Microcontroller
AT32UC3L0256-D3HT ATMEL-AT32UC3L0256-D3HT Datasheet
1Mb / 96P
32-bit Atmel AVR Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
High-performance, Low-power 32-bit Atmel AVR Microcontroller
ATMEGA64 ATMEL-ATMEGA64_14 Datasheet
7Mb / 414P
High-performance, Low-power Atmel AVR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com