Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3A0512 Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT32UC3A0512
Description  High Performance, Low Power 32-Bit Atmel AVR Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A0512 Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT32UC3A0512_14 Datasheet HTML 33Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 34Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 35Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 36Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 37Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 38Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 39Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 40Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 98 page
background image
37
AT32UC3A
– Optional Manchester Encoding
RS485 with driver control signal
ISO7816, T = 0 or T = 1 Protocols for interfacing with smart cards
– NACK handling, error counter with repetition and iteration limit
IrDA modulation and demodulation
– Communication at up to 115.2 Kbps
Test Modes
– Remote Loopback, Local Loopback, Automatic Echo
SPI Mode
– Master or Slave
– Serial Clock Programmable Phase and Polarity
– SPI Serial Clock (SCK) Frequency up to Internal Clock Frequency PBA/4
Supports Connection of Two Peripheral DMA Controller Channels (PDC)
– Offers Buffer Transfer without Processor Intervention
10.11.8
Serial Synchronous Controller
Provides serial synchronous communication links used in audio and telecom applications (with
CODECs in Master or Slave Modes, I2S, TDM Buses, Magnetic Card Reader, etc.)
Contains an independent receiver and transmitter and a common clock divider
Offers a configurable frame sync and data length
Receiver and transmitter can be programmed to start automatically or on detection of different
event on the frame sync signal
Receiver and transmitter include a data signal, a clock signal and a frame synchronization signal
10.11.9
Timer Counter
Three 16-bit Timer Counter Channels
Wide range of functions including:
– Frequency Measurement
– Event Counting
– Interval Measurement
– Pulse Generation
– Delay Timing
– Pulse Width Modulation
– Up/down Capabilities
Each channel is user-configurable and contains:
– Three external clock inputs
– Five internal clock inputs
– Two multi-purpose input/output signals
Two global registers that act on all three TC Channels
10.11.10 Pulse Width Modulation Controller
7 channels, one 20-bit counter per channel
Common clock generator, providing Thirteen Different Clocks
– A Modulo n counter providing eleven clocks
– Two independent Linear Dividers working on modulo n counter outputs
Independent channel programming
– Independent Enable Disable Commands
– Independent Clock
– Independent Period and Duty Cycle, with Double Bufferization
– Programmable selection of the output waveform polarity
– Programmable center or left aligned output waveform
32058KS–AVR32–01/12


Similar Part No. - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A0512 ATMEL-AT32UC3A0512_1 Datasheet
11Mb / 826P
AVR32 32-Bit Microcontroller
More results

Similar Description - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
32-bit Atmel AVR Microcontroller
ATA5505 ATMEL-ATA5505 Datasheet
5Mb / 294P
High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
32-bit Atmel AVR Microcontroller
AT32UC3L0256-D3HT ATMEL-AT32UC3L0256-D3HT Datasheet
1Mb / 96P
32-bit Atmel AVR Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
High-performance, Low-power 32-bit Atmel AVR Microcontroller
ATMEGA64 ATMEL-ATMEGA64_14 Datasheet
7Mb / 414P
High-performance, Low-power Atmel AVR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com