Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3A0512 Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT32UC3A0512
Description  High Performance, Low Power 32-Bit Atmel AVR Microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A0512 Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT32UC3A0512_14 Datasheet HTML 31Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 32Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 33Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 34Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 35Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 36Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 37Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 38Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 98 page
background image
35
AT32UC3A
10.10 GPIO
The GPIO open drain feature (GPIO ODMER register (Open Drain Mode Enable Register)) is
not available for this device.
10.11 Peripheral overview
10.11.1
External Bus Interface
Optimized for Application Memory Space support
Integrates Two External Memory Controllers:
– Static Memory Controller
– SDRAM Controller
Optimized External Bus:
–16-bit Data Bus
– 24-bit Address Bus, Up to 16-Mbytes Addressable
– Optimized pin multiplexing to reduce latencies on External Memories
4 SRAM Chip Selects, 1SDRAM Chip Select:
– Static Memory Controller on NCS0
– SDRAM Controller or Static Memory Controller on NCS1
– Static Memory Controller on NCS2
– Static Memory Controller on NCS3
10.11.2
Static Memory Controller
4 Chip Selects Available
64-Mbyte Address Space per Chip Select
8-, 16-bit Data Bus
Word, Halfword, Byte Transfers
Byte Write or Byte Select Lines
Programmable Setup, Pulse And Hold Time for Read Signals per Chip Select
Programmable Setup, Pulse And Hold Time for Write Signals per Chip Select
Programmable Data Float Time per Chip Select
Compliant with LCD Module
External Wait Request
Automatic Switch to Slow Clock Mode
Asynchronous Read in Page Mode Supported: Page Size Ranges from 4 to 32 Bytes
10.11.3
SDRAM Controller
Numerous Configurations Supported
– 2K, 4K, 8K Row Address Memory Parts
– SDRAM with Two or Four Internal Banks
– SDRAM with 16-bit Data Path
Programming Facilities
– Word, Half-word, Byte Access
– Automatic Page Break When Memory Boundary Has Been Reached
– Multibank Ping-pong Access
– Timing Parameters Specified by Software
– Automatic Refresh Operation, Refresh Rate is Programmable
Energy-saving Capabilities
– Self-refresh, Power-down and Deep Power Modes Supported
32058KS–AVR32–01/12


Similar Part No. - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A0512 ATMEL-AT32UC3A0512_1 Datasheet
11Mb / 826P
AVR32 32-Bit Microcontroller
More results

Similar Description - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
High-performance, Low-power 32-bit Atmel AVR Microcontroller
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
32-bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
32-bit Atmel AVR Microcontroller
AT32UC3L0256-D3HT ATMEL-AT32UC3L0256-D3HT Datasheet
1Mb / 96P
32-bit Atmel AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
High Performance, Low Power 32-bit AVR Microcontroller
ATA5505 ATMEL-ATA5505 Datasheet
5Mb / 294P
High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA64 ATMEL-ATMEGA64_14 Datasheet
7Mb / 414P
High-performance, Low-power Atmel AVR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com