Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3A0512 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT32UC3A0512
Description  High Performance, Low Power 32-Bit Atmel AVR Microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A0512 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT32UC3A0512_14 Datasheet HTML 25Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 26Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 27Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 28Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 29Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 30Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 31Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 32Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 98 page
background image
29
AT32UC3A
10.4
Clock Connections
10.4.1
Timer/Counters
Each Timer/Counter channel can independently select an internal or external clock source for its
counter:
10.4.2
USARTs
Each USART can be connected to an internally divided clock:
9
0
Serial Peripheral Interface
SPI0
10
0
Serial Peripheral Interface
SPI1
11
0
Two-wire Interface
TWI
12
0
Pulse Width Modulation Controller
PWM
13
0
Synchronous Serial Controller
SSC
14
0
Timer/Counter
TC0
1
Timer/Counter
TC1
2
Timer/Counter
TC2
15
0
Analog to Digital Converter
ADC
16
0
Ethernet MAC
MACB
17
0
USB 2.0 OTG Interface
USBB
18
0
SDRAM Controller
SDRAMC
19
0
Audio Bitstream DAC
DAC
Table 10-3.
Interrupt Request Signal Map
Table 10-4.
Timer/Counter clock connections
Source
Name
Connection
Internal
TIMER_CLOCK1
32 KHz Oscillator
TIMER_CLOCK2
PBA clock / 2
TIMER_CLOCK3
PBA clock / 8
TIMER_CLOCK4
PBA clock / 32
TIMER_CLOCK5
PBA clock / 128
External
XC0
See Section 10.7
XC1
XC2
Table 10-5.
USART clock connections
USART
Source
Name
Connection
0
Internal
CLK_DIV
PBA clock / 8
1
2
3
32058KS–AVR32–01/12


Similar Part No. - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A0512 ATMEL-AT32UC3A0512_1 Datasheet
11Mb / 826P
   AVR32 32-Bit Microcontroller
More results

Similar Description - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
   High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
   High-performance, Low-power 32-bit Atmel AVR Microcontroller
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
   32-bit Atmel AVR Microcontroller
AT32UC3L0256-D3HT ATMEL-AT32UC3L0256-D3HT Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
ATA5505 ATMEL-ATA5505 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA64 ATMEL-ATMEGA64_14 Datasheet
7Mb / 414P
   High-performance, Low-power Atmel AVR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com