Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3A0512 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT32UC3A0512
Description  High Performance, Low Power 32-Bit Atmel AVR Microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A0512 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT32UC3A0512_14 Datasheet HTML 17Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 18Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 19Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 20Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 21Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 22Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 23Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 24Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
21
AT32UC3A
9.
Memories
9.1
Embedded Memories
Internal High-Speed Flash
– 512 KBytes (AT32UC3A0512, AT32UC3A1512)
– 256 KBytes (AT32UC3A0256, AT32UC3A1256)
– 128 KBytes (AT32UC3A1128, AT32UC3A2128)
- 0 Wait State Access at up to 33 MHz in Worst Case Conditions
- 1 Wait State Access at up to 66 MHz in Worst Case Conditions
- Pipelined Flash Architecture, allowing burst reads from sequential Flash locations, hiding
penalty of 1 wait state access
- Pipelined Flash Architecture typically reduces the cycle penalty of 1 wait state operation
to only 15% compared to 0 wait state operation
- 100 000 Write Cycles, 15-year Data Retention Capability
- 4 ms Page Programming Time, 8 ms Chip Erase Time
- Sector Lock Capabilities, Bootloader Protection, Security Bit
- 32 Fuses, Erased During Chip Erase
- User Page For Data To Be Preserved During Chip Erase
Internal High-Speed SRAM, Single-cycle access at full speed
– 64 KBytes (AT32UC3A0512, AT32UC3A0256, AT32UC3A1512, AT32UC3A1256)
– 32KBytes (AT32UC3A1128)
9.2
Physical Memory Map
The system bus is implemented as a bus matrix. All system bus addresses are fixed, and they
are never remapped in any way, not even in boot. Note that AVR32 UC CPU uses unsegmented
translation, as described in the AVR32 Architecture Manual. The 32-bit physical address space
is mapped as follows:
Table 9-1.
AT32UC3A Physical Memory Map
Device
Start Address
Size
AT32UC3A0512
AT32UC3A1512
AT32UC3A0256
AT32UC3A1256
AT32UC3A0128
AT32UC3A1128
Embedded SRAM
0x0000_0000
64 Kbyte
64 Kbyte
64 Kbyte
64 Kbyte
32 Kbyte
32 Kbyte
Embedded Flash
0x8000_0000
512 Kbyte
512 Kbyte
256 Kbyte
256 Kbyte
128 Kbyte
128 Kbyte
EBI SRAM CS0
0xC000_0000
16 Mbyte
-
16 Mbyte
-
16 Mbyte
-
EBI SRAM CS2
0xC800_0000
16 Mbyte
-
16 Mbyte
-
16 Mbyte
-
EBI SRAM CS3
0xCC00_0000
16 Mbyte
-
16 Mbyte
-
16 Mbyte
-
EBI SRAM CS1
/SDRAM CS0
0xD000_0000
128 Mbyte
-
128 Mbyte
-
128 Mbyte
-
USB
Configuration
0xE000_0000
64 Kbyte
64 Kbyte
64 Kbyte
64 Kbyte
64 Kbyte
64 Kbyte
HSB-PB Bridge A
0xFFFE_0000
64 Kbyte
64 Kbyte
64 Kbyte
64 Kbyte
64 Kbyte
64 Kbyte
HSB-PB Bridge B
0xFFFF_0000
64 Kbyte
64 Kbyte
64 kByte
64 kByte
64 Kbyte
64 Kbyte
32058KS–AVR32–01/12


Similar Part No. - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A0512 ATMEL-AT32UC3A0512_1 Datasheet
11Mb / 826P
   AVR32 32-Bit Microcontroller
More results

Similar Description - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
   High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
   High-performance, Low-power 32-bit Atmel AVR Microcontroller
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
   32-bit Atmel AVR Microcontroller
AT32UC3L0256-D3HT ATMEL-AT32UC3L0256-D3HT Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
ATA5505 ATMEL-ATA5505 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA64 ATMEL-ATMEGA64_14 Datasheet
7Mb / 414P
   High-performance, Low-power Atmel AVR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com