Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3A0512 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT32UC3A0512
Description  High Performance, Low Power 32-Bit Atmel AVR Microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A0512 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT32UC3A0512_14 Datasheet HTML 13Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 14Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 15Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 16Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 17Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 18Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 19Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 20Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 98 page
background image
17
AT32UC3A
7.
Power Considerations
7.1
Power Supplies
The AT32UC3A has several types of power supply pins:
VDDIO: Powers I/O lines. Voltage is 3.3V nominal.
VDDANA: Powers the ADC Voltage is 3.3V nominal.
VDDIN: Input voltage for the voltage regulator. Voltage is 3.3V nominal.
VDDCORE: Powers the core, memories, and peripherals. Voltage is 1.8V nominal.
VDDPLL: Powers the PLL. Voltage is 1.8V nominal.
The ground pins GND are common to VDDCORE, VDDIO, VDDPLL. The ground pin for
VDDANA is GNDANA.
Refer to ”Power Consumption” on page 44 for power consumption on the various supply pins.
3.3V
VDDANA
VDDIO
VDDIN
VDDCORE
VDDOUT
VDDPLL
ADVREF
3.3V
1.8V
VDDANA
VDDIO
VDDIN
VDDCORE
VDDOUT
VDDPLL
ADVREF
Single Power Supply
Dual Power Supply
1.8V
Regulator
1.8V
Regulator
32058KS–AVR32–01/12


Similar Part No. - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A0512 ATMEL-AT32UC3A0512_1 Datasheet
11Mb / 826P
   AVR32 32-Bit Microcontroller
More results

Similar Description - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
   High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
   High-performance, Low-power 32-bit Atmel AVR Microcontroller
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
   32-bit Atmel AVR Microcontroller
AT32UC3L0256-D3HT ATMEL-AT32UC3L0256-D3HT Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
ATA5505 ATMEL-ATA5505 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA64 ATMEL-ATMEGA64_14 Datasheet
7Mb / 414P
   High-performance, Low-power Atmel AVR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com