Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3A0512 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT32UC3A0512
Description  High Performance, Low Power 32-Bit Atmel AVR Microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A0512 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT32UC3A0512_14 Datasheet HTML 6Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 7Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 8Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 9Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 10Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 11Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 12Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 13Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
10
AT32UC3A
External Bus Interface - HEBI
ADDR0 - ADDR23
Address Bus
Output
CAS
Column Signal
Output
Low
DATA0 - DATA15
Data Bus
I/O
NCS0 - NCS3
Chip Select
Output
Low
NRD
Read Signal
Output
Low
NWAIT
External Wait Signal
Input
Low
NWE0
Write Enable 0
Output
Low
NWE1
Write Enable 1
Output
Low
NWE3
Write Enable 3
Output
Low
RAS
Row Signal
Output
Low
SDA10
SDRAM Address 10 Line
Output
SDCK
SDRAM Clock
Output
SDCKE
SDRAM Clock Enable
Output
SDCS0
SDRAM Chip Select
Output
Low
SDWE
SDRAM Write Enable
Output
Low
General Purpose Input/Output 2 - GPIOA, GPIOB, GPIOC
P0 - P31
Parallel I/O Controller GPIOA
I/O
P0 - P31
Parallel I/O Controller GPIOB
I/O
P0 - P5
Parallel I/O Controller GPIOC
I/O
P0 - P31
Parallel I/O Controller GPIOX
I/O
Serial Peripheral Interface - SPI0, SPI1
MISO
Master In Slave Out
I/O
MOSI
Master Out Slave In
I/O
NPCS0 - NPCS3
SPI Peripheral Chip Select
I/O
Low
SCK
Clock
Output
Synchronous Serial Controller - SSC
RX_CLOCK
SSC Receive Clock
I/O
Table 5-1.
Signal Description List
Signal Name
Function
Type
Active
Level
Comments
32058KS–AVR32–01/12


Similar Part No. - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A0512 ATMEL-AT32UC3A0512_1 Datasheet
11Mb / 826P
   AVR32 32-Bit Microcontroller
More results

Similar Description - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
   High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
   High-performance, Low-power 32-bit Atmel AVR Microcontroller
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
   32-bit Atmel AVR Microcontroller
AT32UC3L0256-D3HT ATMEL-AT32UC3L0256-D3HT Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
ATA5505 ATMEL-ATA5505 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA64 ATMEL-ATMEGA64_14 Datasheet
7Mb / 414P
   High-performance, Low-power Atmel AVR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com