![]() |
Electronic Components Datasheet Search |
|
AT32UC3A0512 Datasheet(PDF) 84 Page - ATMEL Corporation |
|
|
AT32UC3A0512 Datasheet(HTML) 84 Page - ATMEL Corporation |
84 / 98 page ![]() 84 AT32UC3A 15.5 Rev. E 15.5.1 SPI 1. SPI FDIV option does not work Selecting clock signal using FDIV = 1 does not work as specified. Fix/Workaround Do not set FDIV = 1. 2. SPI Slave / PDCA transfer: no TX UNDERRUN flag There is no TX UNDERRUN flag available, therefore in SPI slave mode, there is no way to be informed of a character lost in transmission. Fix/Workaround For PDCA transfer: none. 3. SPI Bad serial clock generation on 2nd chip select when SCBR=1, CPOL=1 and CNCPHA=0 When multiple CS are in use, if one of the baudrate equals to 1 and one of the others doesn’t equal to 1, and CPOL=1 and CPHA=0, then an additional pulse will be generated on SCK. Fix/Workaround When multiple CS are in use, if one of the baudrate equals to 1, the other must also equal 1 if CPOL=1 and CPHA=0. 4. SPI Glitch on RXREADY flag in slave mode when enabling the SPI or during the first transfer In slave mode, the SPI can generate a false RXREADY signal during enabling of the SPI or during the first transfer. Fix/Workaround 1. Set slave mode, set required CPOL/CPHA. 2. Enable SPI. 3. Set the polarity CPOL of the line in the opposite value of the required one. 4. Set the polarity CPOL to the required one. 5. Read the RXHOLDING register. Transfers can now befin and RXREADY will now behave as expected. 5. SPI CSNAAT bit 2 in register CSR0...CSR3 is not available. Fix/Workaround Do not use this bit. 6. SPI disable does not work in SLAVE mode. Fix/Workaround Read the last received data, then perform a Software Reset. 7. SPI Bad Serial Clock Generation on 2nd chip_select when SCBR = 1, CPOL=1 and NCPHA=0 When multiple CS are in use, if one of the baudrate equals to 1 and one of the others doesn't equal to 1, and CPOL=1 and CPHA=0, then an aditional pulse will be generated on SCK. 32058KS–AVR32–01/12 |
Similar Part No. - AT32UC3A0512_14 |
|
Similar Description - AT32UC3A0512_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |