Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3A0512 Datasheet(PDF) 69 Page - ATMEL Corporation

Part # AT32UC3A0512
Description  High Performance, Low Power 32-Bit Atmel AVR Microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A0512 Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button AT32UC3A0512_14 Datasheet HTML 65Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 66Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 67Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 68Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 69Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 70Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 71Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 72Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 98 page
background image
69
AT32UC3A
14. Ordering Information
14.1
Automotive Quality Grade
The AT32UC3A have been developed and manufactured according to the most stringent
requirements of the international standard ISO-TS-16949. This data sheet will contain limit val-
ues extracted from the results of extensive characterization (Temperature and Voltage). The
quality and reliability of the AT32UC3A is verified during regular product qualification as per
AEC-Q100 grade 3.
As indicated in the ordering information paragraph, the product is available in only one tempera-
ture grade T: -40°C / + 85°C.
Table 14-1.
Ordering Information
Device
Ordering Code
Package
Conditioning
Temperature Operating Range
AT32UC3A0512
AT32UC3A0512-ALUT
144 LQFP
Tray
Industrial (-40
⋅C to 85⋅C)
AT32UC3A0512-ALUR
144 LQFP
Reel
Industrial (-40
⋅C to 85⋅C)
AT32UC3A0512-ALTR
144 LQFP
Reel
Automotive (-40
⋅C to 85⋅C)
AT32UC3A0512-ALTT
144 LQFP
Tray
Automotive (-40
⋅C to 85⋅C)
AT32UC3A0512-ALTES
144 LQFP
Tray
Automotive (-40
⋅C to 85⋅C) samples
AT32UC3A0512-CTUT
144 FFBGA
Tray
Industrial (-40
⋅C to 85⋅C)
AT32UC3A0512-CTUR
144 FFBGA
Reel
Industrial (-40
⋅C to 85⋅C)
AT32UC3A0256
AT32UC3A0256-ALUT
144 LQFP
Tray
Industrial (-40
⋅C to 85⋅C)
AT32UC3A0256-ALUR
144 LQFP
Reel
Industrial (-40
⋅C to 85⋅C)
AT32UC3A0256-CTUT
144 FFBGA
Tray
Industrial (-40
⋅C to 85⋅C)
AT32UC3A0256-CTUR
144 FFBGA
Reel
Industrial (-40
⋅C to 85⋅C)
AT32UC3A0128
AT32UC3A0128-ALUT
144 LQFP
Tray
Industrial (-40
⋅C to 85⋅C)
AT32UC3A0128-ALUR
144 LQFP
Reel
Industrial (-40
⋅C to 85⋅C)
AT32UC3A0128-CTUT
144 FFBGA
Tray
Industrial (-40
⋅C to 85⋅C)
AT32UC3A0128-CTUR
144 FFBGA
Reel
Industrial (-40
⋅C to 85⋅C)
AT32UC3A1512
AT32UC3A1512-AUT
100 TQFP
Tray
Industrial (-40
⋅C to 85⋅C)
AT32UC3A1512-AUR
100 TQFP
Reel
Industrial (-40
⋅C to 85⋅C)
AT32UC3A1256
AT32UC3A1256-AUT
100 TQFP
Tray
Industrial (-40
⋅C to 85⋅C)
AT32UC3A1256-AUR
100 TQFP
Reel
Industrial (-40
⋅C to 85⋅C)
AT32UC3A1128
AT32UC3A1128-AUT
100 TQFP
Tray
Industrial (-40
⋅C to 85⋅C)
AT32UC3A1128-AUR
100 TQFP
Reel
Industrial (-40
⋅C to 85⋅C)
32058KS–AVR32–01/12


Similar Part No. - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A0512 ATMEL-AT32UC3A0512_1 Datasheet
11Mb / 826P
AVR32 32-Bit Microcontroller
More results

Similar Description - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
High-performance, Low-power 32-bit Atmel AVR Microcontroller
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
32-bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
32-bit Atmel AVR Microcontroller
AT32UC3L0256-D3HT ATMEL-AT32UC3L0256-D3HT Datasheet
1Mb / 96P
32-bit Atmel AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
High Performance, Low Power 32-bit AVR Microcontroller
ATA5505 ATMEL-ATA5505 Datasheet
5Mb / 294P
High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA64 ATMEL-ATMEGA64_14 Datasheet
7Mb / 414P
High-performance, Low-power Atmel AVR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com