Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3A0512 Datasheet(PDF) 64 Page - ATMEL Corporation

Part # AT32UC3A0512
Description  High Performance, Low Power 32-Bit Atmel AVR Microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A0512 Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button AT32UC3A0512_14 Datasheet HTML 60Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 61Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 62Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 63Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 64Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 65Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 66Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 67Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 98 page
background image
64
AT32UC3A
13. Mechanical Characteristics
13.1
Thermal Considerations
13.1.1
Thermal Data
Table 13-1 summarizes the thermal resistance data depending on the package.
13.1.2
Junction Temperature
The average chip-junction temperature, T
J, in °C can be obtained from the following:
1.
2.
where:
θ
JA = package thermal resistance, Junction-to-ambient (°C/W), provided in Table 13-1 on page
64.
θ
JC = package thermal resistance, Junction-to-case thermal resistance (°C/W), provided in
Table 13-1 on page 64.
θ
HEAT SINK = cooling device thermal resistance (°C/W), provided in the device datasheet.
•P
D = device power consumption (W) estimated from data provided in the section ”Power
Consumption” on page 44.
•T
A = ambient temperature (°C).
From the first equation, the user can derive the estimated lifetime of the chip and decide if a
cooling device is necessary or not. If a cooling device is to be fitted on the chip, the second
equation should be used to compute the resulting average chip-junction temperature T
J in °C.
Table 13-1.
Thermal Resistance Data
Symbol
Parameter
Condition
Package
Typ
Unit
θ
JA
Junction-to-ambient thermal resistance
Still Air
TQFP100
43.4
⋅C/W
θ
JC
Junction-to-case thermal resistance
TQFP100
5.5
θ
JA
Junction-to-ambient thermal resistance
Still Air
LQFP144
39.8
⋅C/W
θ
JC
Junction-to-case thermal resistance
LQFP144
8.9
T
J
T
A
P
D
θ
JA
×
()
+
=
T
J
T
A
P
(
D
θ
(
HEATSINK
×θ
JC ))
++
=
32058KS–AVR32–01/12


Similar Part No. - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A0512 ATMEL-AT32UC3A0512_1 Datasheet
11Mb / 826P
   AVR32 32-Bit Microcontroller
More results

Similar Description - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
   High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
   High-performance, Low-power 32-bit Atmel AVR Microcontroller
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
   32-bit Atmel AVR Microcontroller
AT32UC3L0256-D3HT ATMEL-AT32UC3L0256-D3HT Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
ATA5505 ATMEL-ATA5505 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA64 ATMEL-ATMEGA64_14 Datasheet
7Mb / 414P
   High-performance, Low-power Atmel AVR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com