Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVU359 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HVU359
Description  Variable Capacitance Diode for VCXO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HVU359 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HVU359 Datasheet HTML 1Page - Hitachi Semiconductor HVU359 Datasheet HTML 2Page - Hitachi Semiconductor HVU359 Datasheet HTML 3Page - Hitachi Semiconductor HVU359 Datasheet HTML 4Page - Hitachi Semiconductor HVU359 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HVU359
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
V
R
15
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
-55 to +125
°C
Electrical Characteristics (Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse current
I
R1
10
nA
V
R = 10V
I
R2
100
V
R = 10V, Ta = 60 °C
Capacitance
C
1
24.8
29.8
pF
V
R = 1V, f = 1 MHz
C
4
6.0
8.3
V
R = 4V, f = 1 MHz
Capacitance ratio
n
3.0
C
1/ C4
Series resistance
r
s
1.5
V
R = 4V, f = 100 MHz
ESD-Capability
*1
80
V
C=200pF , Both forward and reverse direction
1 pulse.
Notes
1. Failure criterion ; IR
≥ 20nA at VR =10 V


Similar Part No. - HVU359

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HVU359 RENESAS-HVU359 Datasheet
139Kb / 5P
   Variable Capacitance Diode for VCO
More results

Similar Description - HVU359

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC365 HITACHI-HVC365 Datasheet
23Kb / 5P
   Variable Capacitance Diode for VCXO
logo
Leshan Radio Company
HVC365 LRC-HVC365 Datasheet
33Kb / 2P
   Variable Capacitance Diode for VCXO
logo
Hitachi Semiconductor
HVD359 HITACHI-HVD359 Datasheet
34Kb / 5P
   Variable Capacitance Diode for VCXO
HVC359 HITACHI-HVC359 Datasheet
23Kb / 5P
   Variable Capacitance Diode for VCXO
logo
Leshan Radio Company
HVC359 LRC-HVC359 Datasheet
33Kb / 2P
   Variable Capacitance Diode for VCXO
logo
Zhaoxingwei Electronics...
HVD359 ZHAOXINGWEI-HVD359 Datasheet
44Kb / 1P
   Variable Capacitance Diode for VCXO
logo
Guangdong Kexin Industr...
HVD359 KEXIN-HVD359 Datasheet
33Kb / 1P
   Variable Capacitance Diode for VCXO
logo
Hitachi Semiconductor
HVU362 HITACHI-HVU362 Datasheet
24Kb / 3P
   Variable Capacitance Diode VCXO
logo
NXP Semiconductors
BB198 NXP-BB198 Datasheet
204Kb / 8P
   Variable capacitance diode for VCO and VCXO Small plastic SMD package
Rev. 1-1 December 2010
BB199 NXP-BB199 Datasheet
201Kb / 8P
   Variable capacitance diode for VCO and VCXO Small plastic SMD package
Rev. 1-1 December 2010
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com